データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT46R002 データシート(PDF) 66 Page - Holtek Semiconductor Inc

部品番号 HT46R002
部品情報  Cost-Effective A/D 8-Bit OTP MCU
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 データシート(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 62Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 63Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 64Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 65Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 66Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 67Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 68Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 69Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 83 page
background image
Rev. 1.21
66
April 11, 2017
Rev. 1.21
67
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
Mnemonic
Description
Cycles
Flag Affected
Data Move
MOV A,[m]
Move Data Memory to ACC
1
None
MOV [m],A
Move ACC to Data Memory
1Note
None
MOV A,x
Move immediate data to ACC
1
None
Bit Operation
CLR [m].i
Clear bit of Data Memory
1Note
None
SET [m].i
Set bit of Data Memory
1Note
None
Branch Operation
JMP addr
Jump unconditionally
2
None
SZ [m]
Skip if Data Memory is zero
1Note
None
SZA [m]
Skip if Data Memory is zero with data movement to ACC
1Note
None
SZ [m].i
Skip if bit i of Data Memory is zero
1Note
None
SNZ [m].i
Skip if bit i of Data Memory is not zero
1Note
None
SIZ [m]
Skip if increment Data Memory is zero
1Note
None
SDZ [m]
Skip if decrement Data Memory is zero
1Note
None
SIZA [m]
Skip if increment Data Memory is zero with result in ACC
1Note
None
SDZA [m]
Skip if decrement Data Memory is zero with result in ACC
1Note
None
CALL addr
Subroutine call
2
None
RET
Return from subroutine
2
None
RET A,x
Return from subroutine and load immediate data to ACC
2
None
RETI
Return from interrupt
2
None
Table Read Operation
TABRD [m]
Read table (specific page) to TBLH and Data Memory
2Note
None
TABRDC [m]
Read table (current page) to TBLH and Data Memory
2Note
None
TABRDL [m]
Read table (last page) to TBLH and Data Memory
2Note
None
Miscellaneous
NOP
No operation
1
None
CLR [m]
Clear Data Memory
1Note
None
SET [m]
Set Data Memory
1Note
None
CLR WDT
Clear Watchdog Timer
1
TO, PDF
CLR WDT1
Pre-clear Watchdog Timer
1
TO, PDF
CLR WDT2
Pre-clear Watchdog Timer
1
TO, PDF
SWAP [m]
Swap nibbles of Data Memory
1Note
None
SWAPA [m]
Swap nibbles of Data Memory with result in ACC
1
None
HALT
Enter power down mode
1
TO, PDF
Note:1.Forskipinstructions,iftheresultofthecomparisoninvolvesaskipthentwocyclesarerequired,ifno
skiptakesplaceonlyonecycleisrequired.
2.AnyinstructionwhichchangesthecontentsofthePCLwillalsorequire2cyclesforexecution.
3.Forthe“CLRWDT1”and“CLRWDT2”instructionstheTOandPDFflagsmaybeaffectedbythe
executionstatus.TheTOandPDFflagsareclearedafterboth“CLRWDT1”and“CLRWDT2”
instructionsareconsecutivelyexecuted.OtherwisetheTOandPDFflagsremainunchanged.


同様の部品番号 - HT46R002

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R005 HOLTEK-HT46R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R005 HOLTEK-HT46R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
More results

同様の説明 - HT46R002

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com