データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT46R0042 データシート(PDF) 52 Page - Holtek Semiconductor Inc

部品番号 HT46R0042
部品情報  Cost-Effective A/D 8-Bit OTP MCU
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0042 データシート(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT46R0042 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 53Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 54Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
Rev. 1.00
5�
��to�e� ��� �01�
Rev. 1.00
53
��to�e� ��� �01�
HT46R0042
Cost-Effective A/D 8-Bit OTP MCU
HT46R0042
Cost-Effective A/D 8-Bit OTP MCU
• Step7
Tocheckwhentheanalogtodigitalconversionprocessiscomplete,theEOCBbitintheADCR0
registercanbepolled.Theconversionprocessiscompletewhenthisbitgoeslow.Whenthis
occurstheA/DdataregistersADRLandADRHcanbereadtoobtaintheconversionvalue.Asan
alternativemethod,iftheinterruptsareenabledandthestackisnotfull,theprogramcanwaitfor
anA/Dinterrupttooccur.
Note:Whencheckingfortheendoftheconversionprocess,ifthemethodofpollingtheEOCB
bitintheADCR0registerisused,theinterruptenablestepabovecanbeomitted.
Theaccompanyingdiagramshowsgraphicallythevariousstagesinvolvedinananalogtodigital
conversionprocessanditsassociatedtiming.
t AD C
A/ D c onv er si on ti me
xxx B
010B
ST AR T
EO CB
AC S2 ~
AC S0
Po we r- on
Re se t
En d of A /D
co nv er si on
1: D ef i ne po rt c on fi gu ra ti on
2: S el ec t a na lo g ch annel
St ar t o f A/ D
co nv er si on
Re se t A /D
co nv er te r
A/ D sa mp li ng ti me
t A DCS
000B
St ar t o f A/ D
co nv er si on
Re se t A /D
co nv er te r
001B
St ar t o f A /D
co nv er si on
Re se t A/ D
co nv er te r
En d of A /D
co nv er si on
A/ D sa mp li ng ti me
t A DCS
of f
on
on
t ON 2S T
t AD C
A/ D c onv er si on ti me
of f
AD ON B
A DC Mo du le
ON
000B
P CR7 ~
P CR0
xxx B - P CR[ 7: 0 ] i s not equal t o "0 "
No te : A /D c lo ck m us t be f SY S , f SY S /2 , f SY S /4 , f SY S /8 , f SY S /1 6 or f SY S /3 2
t A DCS =4 t AD
t AD C =1 6t AD
A/D Conversion Timing
ThesettingupandoperationoftheA/Dconverterfunctionisfullyunderthecontrolofthe
applicationprogramastherearenoconfigurationoptionsassociatedwiththeA/Dconverter.
AfteranA/Dconversionprocesshasbeeninitiatedbytheapplicationprogram,themicrocontroller
internalhardwarewillbegintocarryouttheconversion,duringwhichtimetheprogramcan
continuewithotherfunctions.ThetimetakenfortheA/Dconversionis16tADwheretADisequalto
theA/Dclockperiod.


同様の部品番号 - HT46R0042

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
More results

同様の説明 - HT46R0042

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com