データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT46R0042 データシート(PDF) 8 Page - Holtek Semiconductor Inc

部品番号 HT46R0042
部品情報  Cost-Effective A/D 8-Bit OTP MCU
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0042 データシート(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46R0042 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
Rev. 1.00
8
��to�e� ��� �01�
Rev. 1.00
9
��to�e� ��� �01�
HT46R0042
Cost-Effective A/D 8-Bit OTP MCU
HT46R0042
Cost-Effective A/D 8-Bit OTP MCU
Pin Name
Function
OPT
I/T
O/T
Description
PC�
PC�
PCPU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
PC3
PC3
PCPU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
PC�
PC�
PCPU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
PC5
PC5
PCPU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
VDD
VDD
PWR
Powe� supply
VSS
VSS
PWR
G�ound
Note:I/T:Inputtype
O/T:Outputtype
OPT:Optionalbyregisteroption
PWR:Power
AN:Analogsignal
ST:SchmittTriggerinput
CMOS:CMOSoutput
NMOS:NMOSoutput
Absolute Maximum Ratings
SupplyVoltage................................................................................................. VSS-0.3VtoVSS+6.0V
InputVoltage.................................................................................................... VSS-0.3VtoVDD+0.3V
StorageTemperature......................................................................................................-50°Cto125°C
OperatingTemperature....................................................................................................-40°Cto85°C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“Absolute
MaximumRatings”maycausesubstantialdamagetothedevice.Functionaloperationofthis
deviceatotherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolonged
exposuretoextremeconditionsmayaffectdevicereliability.
D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
VDD
Conditions
VDD
�pe�ating voltage
fSYS=8MHz
�.3
5.5
V
IDD
�pe�ating �u��ent
(HIRC on)
3V No load� fSYS=8MHz
A/D Conve�te� disa�le
1.�
1.8
mA
5V
�.�
3.6
mA
ISTB
Stand�y �u��ent
(LIRC on)
3V
No load� System halt
5
μA
5V
10
μA
Stand�y �u��ent
(LIRC off)
3V
No load� System halt
1
μA
5V
μA
VIL
Input Low Voltage fo� I/� po�ts�
TMR� INT
5V
0
1.5
V
0
0.�VDD
V
Input low voltage fo� RES pin
0
0.�VDD
V
VIH
Input High Voltage fo� I/� po�ts�
TMR� INT
5V
3.5
5
V
0.8VDD
VDD
V
Input high voltage fo� RES pin
0.9VDD
VDD
V
VLVR
Low Voltage Reset voltage
LVR ena�le� voltage sele�t �.1V
�.0
�.1
�.�
V


同様の部品番号 - HT46R0042

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
More results

同様の説明 - HT46R0042

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com