データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT48R068B データシート(PDF) 28 Page - Holtek Semiconductor Inc

部品番号 HT48R068B
部品情報  Enhanced I/O 8-Bit OTP MCU
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R068B データシート(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT48R068B_15 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 26Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 27Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 28Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 118 page
background image
Rev. 1.30
�8
�e���a�� 0�� �01�
Rev. 1.30
�9
�e���a�� 0�� �01�
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
HT48R069B
Bit
7
6
5
4
3
2
1
0
BP
PMBP1
PMBP0
DMBP�
DMBP1
DMBP0
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
Bit7
unimplemented,readas"0"
Bit6,5
PMBP1, PMBP0:ProgramMemoryBankPointer
00:Bank0
01:Bank1
10:Bank2
11:Bank3
Bit4~3
unimplemented,readas"0"
Bit2~0
DMBP2, DMBP1, DMBP0:DataMemoryBankPointer
000:Bank0
001:Bank1
010:Bank2
011:Bank3
100:Bank4
101:Bank5
110:Bank6
111:Bank7
Status Register – STATUS
This8-bitregistercontainsthezeroflag(Z),carryflag(C),auxiliarycarryflag(AC),overflowflag
(OV),powerdownflag(PDF),andwatchdogtime-outflag(TO).Thesearithmetic/logicaloperation
andsystemmanagementflagsareusedtorecordthestatusandoperationofthemicrocontroller.
WiththeexceptionoftheTOandPDFflags,bitsinthestatusregistercanbealteredbyinstructions
likemostotherregisters.AnydatawrittenintothestatusregisterwillnotchangetheTOorPDFflag.
Inaddition,operationsrelatedtothestatusregistermaygivedifferentresultsduetothedifferent
instructionoperations.TheTOflagcanbeaffectedonlybyasystempower-up,aWDTtime-outor
byexecutingthe"CLRWDT"or"HALT"instruction.ThePDFflagisaffectedonlybyexecuting
the"HALT"or"CLRWDT"instructionorduringasystempower-up.
TheZ,OV,ACandCflagsgenerallyreflectthestatusofthelatestoperations.
Inaddition,onenteringaninterruptsequenceorexecutingasubroutinecall,thestatusregisterwill
notbepushedontothestackautomatically.Ifthecontentsofthestatusregistersareimportantand
iftheinterruptroutinecanchangethestatusregister,precautionsmustbetakentocorrectlysaveit.
Notethatbits0~3oftheSTATUSregisterarebothreadableandwriteablebits.


同様の部品番号 - HT48R068B_15

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
More results

同様の説明 - HT48R068B_15

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com