データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT82A525R データシート(PDF) 8 Page - Holtek Semiconductor Inc

部品番号 HT82A525R
部品情報  I/O Type USB 8-Bit OTP MCU with SPI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A525R データシート(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT82A525R_16 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
Absolute Maximum Ratings
Supply Voltage ...............................................................................................VSS
-0.3V to VSS+6.0V
Storage Temperature .................................................................................................
-50°Cto125°C
Input Voltage .................................................................................................VSS
-0.3V to VDD+0.3V
Operating Temperature................................................................................................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Rat-
ings
² may cause substantial damage to the device. Functional operation of this device at other condi-
tions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=6MHz
3.3
¾
5.5
V
fSYS=12MHz
4.5
¾
5.5
V
VDDIO
Operating Voltage for I/O Ports
¾¾
3.3
¾
VDD
V
IDD1
Operating Current (6MHz Crystal)
5V
No load, fSYS=6MHz
¾
48
mA
IDD2
Operating Current
(12MHz Crystal and HIRC)
5V
No load, fSYS=12MHz
¾
7.5
16
mA
ISTB1
Standby Current 1
5V
No load, system HALT,
USB mode, LVR disable,
WDT disable,
Clr V33O [USC.4],
Clr PLL [USC.5],
Clr SELPS2 [USC.6],
Clr USBCKEN [UCC.3],
Set SUSP2 [UCC.4],
Set RCtrl [UCC.7],
Set CLK_adj [PSD.4]
¾¾
350
mA
ISTB2
Standby Current 2
5V
No load, system HALT,
PS2 (I/O) mode,
LVR disable,
WDT disable,
Clr V33O [USC.4],
Clr PLL [USC.5],
Set SELPS2 [USC.6],
Clr USBCKEN [UCC.3],
Set SUSP2 [UCC.4],
Clr RCtrl [UCC.7],
CLR CLK_adj [PSD.4]
¾¾
10
mA
VIL1
Input Low Voltage for I/O Ports
¾¾
0
¾
0.3VDDIO
V
VIH1
Input High Voltage for I/O Ports
¾¾
0.7VDDIO
¾
VDDIO
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
IOL1
I/O Port Sink Current for PA, PB, PC,
PD, PE
¾
VOL=0.1VDDIO,
VDDIO=3.3V
25
¾
mA
HT82A525R
I/O Type USB 8-Bit OTP MCU with SPI
Rev. 1.80
8
March 11, 2016


同様の部品番号 - HT82A525R_16

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results

同様の説明 - HT82A525R_16

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com