データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT82B42R データシート(PDF) 12 Page - Holtek Semiconductor Inc

部品番号 HT82B42R
部品情報  I/O MCU with USB Interface
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R データシート(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT82B42R_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
Rev. 1.10
1�
�ove��e� 0�� �01�
Rev. 1.10
13
�ove��e� 0�� �01�
HT82B42R/HT82B42RE
I/O MCU with USB Interface
EEPROM Memory D.C. Characteristics
Ta=�0°C~8�°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDDP
Condition
VCC
Ope�ating Voltage
�.�
�.�
V
ICC1*
Ope�ating Cu��ent
�V
Read at 100kHz
�A
ICC�*
Ope�ating Cu��ent
�V
W�ite at 100kHz
�A
ISTB1*
Stand�y Cu��ent
�V
VI�=0 o� VDDP
μA
ISTB�*
Stand�y Cu��ent
�.�V
VI�=0 o� VDDP
3
μA
VIL
Input Low Voltage
-1
0.3VDDP
V
VIH
Input High Voltage
0.7VDDP
VDDP+0.�
V
VOL
Output Low Voltage
�.�V
IOL=�.1�A
0.�
V
ILI
Input Leakage Cu��ent
�V
VI�=0 o� VDDP
1
μA
ILO
Output Leakage Cu��ent
�V
VOUT=0 o� VDDP
1
μA
Note:*:TheoperatingcurrentICC1andICC2listedherearetheadditionalcurrentsconsumedwhentheEEPROM
MemoryoperatesinReadOperationandWriteOperationrespectively.IftheEEPROMisoperating,theICC1
orICC2shouldbeaddedtocalculatedtherelevantoperatingcurrentofthedevicefordefferentconditions.
Tocalculatethestandbycurrentforthewholedevice,thestandbycurrentshownaboveshouldalsobetaken
intoaccount.
A.C. Characteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fRCSYS
RC Clock with 8-�it P�escale� Registe�
�V
3�
kHz
tWDT
Watchdog Ti�e-out Pe�iod (Syste� Clock)
10��
1/fRCSYS
tUSB
UDP� UD� Rising & Falling Ti�e
7�
300
ns
tOST
Oscillation Sta�t-up Ti�e� Pe�iod
10��
tSYS
tOSCsetup C�ystal Setup
�s
fI�O1��V
Inte�nal Oscillato� F�equency fo� 1�MHz
�.0V~�.�V
10.80 1�.00 13.�0
MHz
fI�O1�3V
Inte�nal Oscillato� F�equency fo� 1�MHz
3.0V~�.0V
10.�6 1�.00 13.��
MHz
fI�OUSB
Inte�nal Oscillato� F�equency with USB Mode
�.�V~�.�V
11.8� 1�.00 1�.18
MHz
Note:tSYS=1/fSYS
Power_onperiod=tWDT+tOST+tOSCsetup
WDTTime_outinNormalMode=1/fRCSYS×256×WDTS+tWDT
WDTTime_outinPowerDownMode=1/fRCSYS×256×WDTS+tOST+tOSCsetup
Trimmedfor5Voperationusingfactorytrimvalues.FrequencyTrimto12MHz±3%


同様の部品番号 - HT82B42R_14

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT82B42RE HOLTEK-HT82B42RE Datasheet
3Mb / 86P
   I/O MCU with USB Interface
More results

同様の説明 - HT82B42R_14

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R Datasheet
3Mb / 86P
   I/O MCU with USB Interface
HT82B60R HOLTEK-HT82B60R Datasheet
489Kb / 70P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com