データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT82R732 データシート(PDF) 28 Page - Holtek Semiconductor Inc

部品番号 HT82R732
部品情報  e-Banking 8-Bit OTP MCU
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82R732 データシート(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT82R732 Datasheet HTML 24Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 25Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 26Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 27Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 28Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 29Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 30Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 31Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
Reset and Initialisation
A reset function is a fundamental part of any microcontroller ensuring that the device can be set to
some predetermined condition irrespective of outside parameters. The most important reset condition
is after power is first applied to the microcontroller. In this case, internal circuitry will ensure that the
microcontroller, after a short delay, will be in a well defined state and ready to execute the first
program instruction. After this power-on reset, certain important internal registers will be set to
defined states before the program commences. One of these registers is the Program Counter, which
will be reset to zero forcing the microcontroller to begin program execution from the lowest Program
Memory address.
In addition to the power-on reset, situations may arise where it is necessary to forcefully apply a reset
condition when the microcontroller is running. One example of this is where after power has been
applied and the microcontroller is already running, the RES line is forcefully pulled low. In such a
case, known as a normal operation reset, some of the microcontroller registers remain
unchanged allowing the microcontroller to proceed with normal operation after the reset line is
allowed to return high. Another type of reset is when the Watchdog Timer overflows and resets the
microcontroller. All types of reset operations result in different register conditions being setup.
Another reset exists in the form of a Low Voltage Reset, LVR, where a full reset, similar to the RES
reset is implemented in situations where the power supply voltage falls below a certain threshold.
Reset Functions
There are five ways in which a microcontroller reset can occur, through events occurring both
internally and externally:
Power-on Reset
The most fundamental and unavoidable reset is the one that occurs after power is first applied to the
microcontroller. As well as ensuring that the Program Memory begins execution from the first
memory address, a power-on reset also ensures that certain other registers are preset to known
conditions. All the I/O port and port control registers will power up in a high condition ensuring that all
pins will be first set to inputs.
Although the microcontroller has an internal RC reset function, if the VDD power supply rise time is
not fast enough or does not stabilise quickly at power-on, the internal reset function may be incapable
of providing proper reset operation. For this reason it is recommended that an external RC network is
connected to the RES pin, whose additional time delay will ensure that the RES pin remains low for an
extended period to allow the power supply to stabilise. During this time delay, normal operation of the
microcontroller will be inhibited. After the RES line reaches a certain voltage value, the reset delay
time tRSTD is invoked to provide an extra delay time after which the microcontroller will begin normal
operation. The abbreviation SST in the figures stands for System Start-up Timer.
Rev. 1.00
28
October 31, 2013
HT82R732
e-Banking 8-Bit OTP MCU
P o w e r - o n R e s e t
V D D
S S T T i m e - o u t
t R S T D
Note: tRSTD is power-on delay, typical time=100ms
Power-On Reset Timing Chart


同様の部品番号 - HT82R732

メーカー部品番号データシート部品情報
logo
Bi technologies
HT82-05087 BITECH-HT82-05087 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT82-05099 BITECH-HT82-05099 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
HT82-99652 BITECH-HT82-99652 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
HT82-99653 BITECH-HT82-99653 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
More results

同様の説明 - HT82R732

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT45R4U HOLTEK-HT45R4U Datasheet
4Mb / 105P
   TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
HT46R01M HOLTEK-HT46R01M_10 Datasheet
465Kb / 69P
   1.5V Battery 8-Bit OTP MCU
HT46R01M HOLTEK-HT46R01M Datasheet
443Kb / 69P
   1.5V Battery 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com