データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT98R068-1 データシート(PDF) 64 Page - Holtek Semiconductor Inc

部品番号 HT98R068-1
部品情報  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 データシート(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 60Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 61Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 62Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 63Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 64Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 65Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 66Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 67Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
Rev. 1.10
64
�e���a�� 1�� �01�
Rev. 1.10
65
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
Interrupts
Interrupts are an important part of any microcontroller system. When an external event or an
internal function such as a Timer/Event Counter or Time Base requires microcontroller attention,
their corresponding interrupt will enforce a temporary suspension of the main program allowing the
microcontroller to direct attention to their respective needs.
The device provides an external interrupt and multiple internal interrupts. The external interrupt is
controlled by the action of the external interrupt pin, while the internal interrupts are controlled by
the Timer/Event Counters overflow and the Timer base overflow.
Interrupt Register
Overall interrupt control, which means interrupt enabling and request flag setting, is controlled
by using two registers, INTC0 and INTC1. By controlling the appropriate enable bits in this
registers each individual interrupt can be enabled or disabled. Also when an interrupt occurs, the
corresponding request flag will be set by the microcontroller. The global enable flag if cleared to
zero will disable all interrupts.
INTC0 Register
Bit
7
6
5
4
3
2
1
0
Name
T0�
AUP�
EI�
T0E
AUPE
EEI
EMI
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
Bit 7
unimplemented, read as “0”
Bit 6
T0F: Timer/Event Counter 0 interrupt request flag
0: inactive
1: active
Bit 5
AUPF: Audio Processor request flag
0: inactive
1: active
Bit 4
EIF: External interrupt request flag
0: inactive
1: active
Bit 3
T0E: Timer/Event Counter 0 interrupt enable
0: disable
1: enable
Bit 2
AUPE: Audio Processor interrupt enable
0: disable
1: enable
Bit 1
EEI: External interrupt enable
0: disable
1: enable
Bit 0
EMI: Master interrupt global enable
0: disable
1: enable


同様の部品番号 - HT98R068-1_13

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

同様の説明 - HT98R068-1_13

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com