データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT56R22 データシート(PDF) 52 Page - Holtek Semiconductor Inc

部品番号 HT56R22
部品情報  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R22 データシート(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT56R22_14 Datasheet HTML 48Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 49Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 50Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 51Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 52Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 53Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 54Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 55Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 127 page
background image
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.30
52
December 26, 2014
· TMR1C Register
¨ HT56R23/HT56R24/HT56R25/HT56R26
Bit
76543210
Name
T1M1
T1M0
T1S
T1ON
T1EG
¾¾¾
R/W
R/W
R/W
R/W
R/W
R/W
¾¾¾
POR
00001
¾¾¾
Bit 7,6
T1M1, T1M0: Timer 1 Operation mode selection
00: no mode available
01: event counter mode
10: timer mode
11: pulse width capture mode
Bit 5
T1S: timer clock source
0: fSYS/4
1: LXT oscillator
Bit 4
T1ON: Timer/event counter counting enable
0: disable
1: enable
Bit 3
T1EG:
Event counter active edge selection
0: count on raising edge
1: count on falling edge
Pulse Width Capture active edge selection
0: start counting on falling edge, stop on rasing edge
1: start counting on raising edge, stop on falling edge
Bit 2~0
unimplemented, read as
²0²
· TMR2C Register
Bit
76543210
Name
T2M1
T2M0
¾
T2ON
T2EG
T2PSC2
T2PSC1
T2PSC0
R/W
R/W
R/W
¾
R/W
R/W
R/W
R/W
R/W
POR
0
0
¾
01000
Bit 7, 6
T2M1, T2M0: Timer 2 Operation mode selection
00: no mode available
01: event counter mode
10: timer mode
11: pulse width capture mode
Bit 5
unimplemented, read as
²0²
Bit 4
T2ON: Timer/event counter counting enable
0: disable
1: enable
Bit 3
T2EG:
Event counter active edge selection
0: count on raising edge
1: count on falling edge
Pulse Width Capture active edge selection
0: start counting on falling edge, stop on rasing edge
1: start counting on raising edge, stop on falling edge
Bit 2~0
T2PSC2, T2PSC1, T2PSC0: Timer prescaler rate selection
Timer internal clock=
000: fSYS
001: fSYS/2
010: fSYS/4
011: fSYS/8
100: fSYS/16
101: fSYS/32
110: fSYS/64
111: fSYS/128


同様の部品番号 - HT56R22_14

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results

同様の説明 - HT56R22_14

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com