データシートサーチシステム |
|
7-1377174-0 データシート(PDF) 6 Page - TE Connectivity Ltd |
|
7-1377174-0 データシート(HTML) 6 Page - TE Connectivity Ltd |
6 / 24 page Ring Tongue Terminals – Vinyl PIDG Pre-Insulated Diamond Grip Section Catalog 1654376-1 Issued 4-2010. Main Catalog 1654400-1 Chapter 37 – Issued 4-2010. All specifications subject to change. Consult TE Connectivity for latest specifications. 37-6 Ring Tongue Terminals – Insulation Restricting , 16–14HD, .050 .343 .281 .961 1.135 .300 35363 – (1.04–2.62) 1.27 10 8.71 7.14 24.41 28.83 7.62 6 .375 .302 .982 1.172 .300 35604 – M3.5 9.53 7.67 24.94 29.77 7.62 8 .375 .302 .982 1.172 .300 35605 2-35605-2 M4 9.53 7.67 24.94 29.77 7.62 .375 .302 .982 1.172 .300 35364 – 10 9.53 7.67 24.94 29.77 7.62 12–10 .042 .500 .344 1.024 1.277 .300 323763 – (2.62–6.64) 1.07 1/4 12.70 8.74 26.01 32.44 7.62 M6 .531 .468 1.148 1.416 .300 35345 2-35345-1 13.49 11.89 29.16 35.97 7.62 5/16 .531 .468 1.148 1.416 .300 35346 2-35346-1 M8 13.49 11.89 29.16 35.97 7.62 3/8 .593 .531 1.211 1.510 .300 35478 1-35478-0 15.06 13.49 30.76 38.35 7.62 , Heavy duty for extra mechanical strength. Note: “C” dimension applies from edge of metal wire barrel to centre of stud hole. 24 .020 4 .203 .211 .587 .691 .031–.055 2-323914-2 – (0.24) 0.51 5.16 5.36 14.91 17.55 0.79–1.40 4 .218 .156 .622 .734 .038–.110 52273-2 – 5.54 3.96 15.80 18.64 0.97–2.79 .218 .156 .622 .734 .038–.110 2-36149-3 – 6 5.54 3.96 15.80 18.64 0.97–2.79 22 .033 M3.5 .250 .250 .716 .844 .038–.110 - 51863-2 – (0.38) 0.84 6.35 6.35 18.19 21.44 0.97–2.79 8 .312 .281 .747 .906 .038–.110 1-320551-2 – M4 7.92 7.14 18.97 23.01 0.97–2.79 .031 10 .312 .281 .747 .906 .038–.110 2-36153-3 – 0.79 7.92 7.14 18.97 23.01 0.97–2.79 Note: “C” dimension applies from edge of metal wire barrel to centre of stud hole. L E C W Wire Size AWG (mm2) Terminal Insulation Color Wire Insulation Diameter Max. Tongue Material Thickness Max. Stud Size Dimensions WC E L Min. Max. Max. Part Numbers Loose Tape Piece Mounted Wire Size AWG (mm2) Terminal Insulation Color Solid/Stripe Wire Insulation Diameter Range Tongue Material Thickness Max. Stud Size Dimensions WC E L Min. Max. Max. Part Numbers Loose Tape Piece Mounted L E C W Material and Finish Insulation: Vinyl acc. UL 94 V-0 Terminal Body and Metallic Sleeve: Copper per ASTM B-152 Plating: Tin per ASTM B-545 Material and Finish Insulation: Nylon acc. UL 94 V-2 Terminal Body: Copper per ASTM B-152 Plating: Tin per ASTM B-545 Metallic Sleeve: Copper per ASTM B-152 Plating: Nickel per QQ-N-290 or Tin per ASTM B-545 |
同様の部品番号 - 7-1377174-0 |
|
同様の説明 - 7-1377174-0 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |