データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM27C256-200 データシート(PDF) 7 Page - Advanced Micro Devices

部品番号 AM27C256-200
部品情報  256 Kilobit (32,768 x 8-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C256-200 データシート(HTML) 7 Page - Advanced Micro Devices

Back Button AM27C256-200 Datasheet HTML 3Page - Advanced Micro Devices AM27C256-200 Datasheet HTML 4Page - Advanced Micro Devices AM27C256-200 Datasheet HTML 5Page - Advanced Micro Devices AM27C256-200 Datasheet HTML 6Page - Advanced Micro Devices AM27C256-200 Datasheet HTML 7Page - Advanced Micro Devices AM27C256-200 Datasheet HTML 8Page - Advanced Micro Devices AM27C256-200 Datasheet HTML 9Page - Advanced Micro Devices AM27C256-200 Datasheet HTML 10Page - Advanced Micro Devices AM27C256-200 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AMD
2-38
Am27C256
Output OR-Tieing
To accommodate multiple memory connections, a two-
line control function is provided to allow for:
s Low memory power dissipation
s Assurance that output bus contention will not occur
It is recommended that
CE be decoded and used as the
primary device-selecting function, while
OE be made a
common connection to all devices in the array and con-
nected to the READ line from the system control bus.
This assures that all deselected memory devices are in
low-power standby mode and that the output pins are
only active when data is desired from a particular
memory device.
System Applications
During the switch between active and standby condi-
tions, transient current peaks are produced on the rising
and falling edges of Chip Enable. The magnitude of
these transient current peaks is dependent on the out-
put capacitance loading of the device. At a minimum, a
0.1-
µF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
VCC and VSS to minimize transient effects. In addition, to
overcome the voltage drop caused by the inductive ef-
fects of the printed circuit board traces on EPROM ar-
rays, a 4.7-
µF bulk electrolytic capacitor should be used
between VCC and VSS for each eight devices. The loca-
tion of the capacitor should be close to where the power
supply is connected to the array.
MODE SELECT TABLE
CE
OE
A0
A9
VPP
Outputs
Read
VIL
VIL
XX
X
DOUT
Output Disable
X
VIH
X
X
X
High-Z
Standby (TTL)
VIH
X
X
X
X
High-Z
Standby (CMOS)
VCC + 0.3 V
X
X
X
X
High-Z
Program
VIL
VIH
XX
VPP
DIN
Program Verify
VIH
VIL
XX
VPP
DOUT
Program Inhibit
VIH
VIH
XX
VPP
High-Z
Manufacturer
Code
VIL
VIL
VIL
VH
X
01H
Device Code
VIL
VIL
VIH
VH
X
10H
Auto Select
(Note 3)
Mode
Pins
Notes:
1. VH = 12.0 V + 0.5 V
2. X = Either VIH or VIL
3. A1–A8 = A10–A14 = VIL
4. See DC Programming Characteristics for VPP voltage during programming.


同様の部品番号 - AM27C256-200

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM27C256-200DC AMD-AM27C256-200DC Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-200DCB AMD-AM27C256-200DCB Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-200DE AMD-AM27C256-200DE Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-200DEB AMD-AM27C256-200DEB Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-200DI AMD-AM27C256-200DI Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
More results

同様の説明 - AM27C256-200

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
logo
NEC
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
   32,768 X 8-BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com