データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3117N データシート(PDF) 1 Page - Sony Corporation

部品番号 CXA3117N
部品情報  Achieving Low Power and High Speed in Paging System IF IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3117N データシート(HTML) 1 Page - Sony Corporation

  CXA3117N Datasheet HTML 1Page - Sony Corporation CXA3117N Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOICE
Achieving Low Power and High Speed in Paging System
IF IC for High-Speed Paging Systems
CXA3117N, CXA3176N, CXA3179N
High-speed paging systems that employ M-ary signals are about to
enter service.
Sony strongly supports this new service with three IF ICs: the
CXA3117N, the CXA3176N, and the CXA3179N.
The CXA3117N, which adopts a comparator system that does not re-
quire an A/D converter, and the CXA3179N, which supports AFC, can
contribute significantly to parts count reductions and thus reduced pro-
duction costs.
The CXA3176N implements a high-speed paging system that uses an
A/D converter and supports AFC.
s
Low current consumption
(CXA3117N/CXA3176N/
CXA3179N)
s
No A/D converter required in
comparator system adopted
(CXA3117N/CXA3179N)
s
AFC support (CXA3176N/
CXA3179N)
s
RSSI dynamic range: 70 dB,
detector output: 600 mVrms
(CXA3176N)
Low Current Consumption
At the same time as incorporating both
a comparator that supports M-ary high-
speed paging systems and a variable cut-
off bit rate filter that responds to
changes in the data rate, these products
achieve a current consumption that is
20% lower than that of the POCSAG
system based CXA1484AN.
Comparator System
does not Require an A/D
Converter
In the first generation of M-ary high-
speed paging systems, the output of the
detector was input to an A/D
converter to acquire the two bits of data
in the signal. However, the comparator-
based system used in these products
uses three comparators to perform a
signal-processing operation equivalent
to A/D conversion and acquire the two
bits of digital data. This allows circuits
that were previously implemented as
two chips, an IF IC and an A/D
converter, to be implemented in a single
IF IC.
AFC Support
A circuit that cancels the frequency off-
set of the receiver oscillator is required
in 900-MHz band paging systems and
in
narrow
band
systems.
The
CXA3176N and CXA3179N include an
offset detection circuit that uses S-curve
characteristics, and implement an AFC
circuit by feeding back the output of this
circuit to the first oscillator.
I am convinced that the compara-
tor system proposed by Sony and
used in the CXA3117N and
CXA3179N will become the main-
stream in M-ary paging systems in
the future. I think that once you
have tried these devices you will
appreciate the validity of this
system. Please look into these
products for use in your systems.
RSSI Dynamic Range: 70 dB,
Detector Output: 600 mVrms
In addition to providing the extremely
wide RSSI dynamic range of 70 dB, the
CXA3176N also features excellent tem-
perature characteristics. These allow the
CXA3176N to be used in a wide range
of applications. Furthermore, the
CXA3176N detector output operating
point is automatically adjusted to
achieve an optimal dynamic range in
response to the supply voltage.


同様の部品番号 - CXA3117N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
More results

同様の説明 - CXA3117N

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
STW9C12B SEOUL-STW9C12B Datasheet
1Mb / 26P
   Achieving the best system cost in Mid/High Power
S2-STW9C2SB SEOUL-S2-STW9C2SB Datasheet
1Mb / 25P
   Achieving the best system cost in Mid/High Power
STW7C2SB SEOUL-STW7C2SB Datasheet
1Mb / 31P
   Achieving the best system cost in Mid/High Power
STW8C2PB SEOUL-STW8C2PB Datasheet
1Mb / 30P
   Achieving the best system cost in Mid/High Power
STW8C12B SEOUL-STW8C12B Datasheet
1Mb / 31P
   Achieving the best system cost in Mid-High Power
STW7C12C-E0 SEOUL-STW7C12C-E0 Datasheet
1Mb / 32P
   Achieving the best system cost in Mid/High Power
S2-STW8C2SB SEOUL-S2-STW8C2SB Datasheet
1Mb / 30P
   Achieving the best system cost in Mid/High Power
STW8C12C-S1 SEOUL-STW8C12C-S1 Datasheet
1Mb / 26P
   Achieving the best system cost in Mid/High Power
STW8C12C-E0 SEOUL-STW8C12C-E0 Datasheet
1Mb / 30P
   Achieving the best system cost in Mid/High Power
STW9B12B-NZ SEOUL-STW9B12B-NZ Datasheet
947Kb / 23P
   Achieving the best system cost in Mid Power
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com