データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8071-4645-M-72 データシート(PDF) 1 Page - Glenair, Inc.

部品番号 8071-4645-M-72
部品情報  Data and Power Cable Assembly for Media Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLENAIR [Glenair, Inc.]
ホームページ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

8071-4645-M-72 データシート(HTML) 1 Page - Glenair, Inc.

  8071-4645-M-72 Datasheet HTML 1Page - Glenair, Inc. 8071-4645-M-72 Datasheet HTML 2Page - Glenair, Inc. 8071-4645-M-72 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
1
© 2015 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Jan. 2015
Length
(Inches)
Test Cable for Media
Converters
050-112, -113, -115, 119
Material/Finish
(Table II)
8071-4645
Data and Power Cable Assembly for Media Converters
050-112, 050-113, 050-115, 050-119
Notes
100% Electrical test, continuity, DWV (500 VAC sea level) and insulation resistance (200 megohms
minimum)
Refer to Glenair catalog for connector materials, finishes and dimensions.
Unit pack: 1 each in 4 mil poly bag, heat sealed, tagged per illustration
8071-4645 - MT - 36
Table II: Material And Finish
SYM
Material
Finish Description
MT
Aluminum
Nickel - PTFE
NF
Cadmium, Olive Drab
Other finishes available, consult factory
TOLERANCE IS:
(+1.80/-0.00) FOR "L" BETWEEN 12.00 TO 60.00 INCHES.
(+3%/-0.00) FOR "L" GREATER THAN 60.00 INCHES.
P2
P3
P4
P6
P5
GLENAIR CONNECTOR,
233-105-G6X15-35SN
GLENAIR BACKSHELL,
380HS007X1505L4
CINCH BANANA PLUG,
108-0303-001
CINCH BANANA PLUG,
108-0302-001
INTERCON1 RJ45 CABLE (3X),
F-GEVP-X-P
P1
PART NUMBER
GLENAIR YYWW 06324
BRADY LABEL (4X),
LAT-18 OR EQ.
(1.00)
LENGTH (SEE PART NUMBER DEVELOPMENT)
CH1
CH2
AUX
(1.00) 3X
CINCH BANANA PLUG,
108-0304-001
P7
RTN
PWR
CH GND
MARKER LABEL (3X),
M23053/5-XXX-0
(1.00) 3X
M22759/11 WIRE (3X)


同様の部品番号 - 8071-4645-M-72

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
8071-4648-M-72 GLENAIR-8071-4648-M-72 Datasheet
160Kb / 3P
   Power Cable Assembly for Media Converters
8071-4649-M-72 GLENAIR-8071-4649-M-72 Datasheet
148Kb / 3P
   Data Cable Assembly for Media Converters
More results

同様の説明 - 8071-4645-M-72

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
8071-4650-MT-72 GLENAIR-8071-4650-MT-72 Datasheet
142Kb / 3P
   Data Cable Assembly for Media Converters
8071-4649-M-72 GLENAIR-8071-4649-M-72 Datasheet
148Kb / 3P
   Data Cable Assembly for Media Converters
8071-4648-M-72 GLENAIR-8071-4648-M-72 Datasheet
160Kb / 3P
   Power Cable Assembly for Media Converters
logo
List of Unclassifed Man...
HEMC3 ETC2-HEMC3 Datasheet
392Kb / 3P
   Media Converters
HEMC2 ETC2-HEMC2 Datasheet
402Kb / 3P
   Media Converters
logo
Bel Fuse Inc.
T2-SERIES BEL-T2-SERIES Datasheet
2Mb / 13P
   TFOCA Media Converters
logo
Advantech Co., Ltd.
850-13101 ADVANTECH-850-13101 Datasheet
618Kb / 2P
   Chassis for ?쐇McV??Series Modular Media Converters
logo
Black Box Registered Tr...
LMC213A-SMSC-R2 BLACKBOX-LMC213A-SMSC-R2 Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
logo
MRV Communications, Inc...
EM316F-M MRV-EM316F-M Datasheet
239Kb / 4P
   Copper to Fiber Media Converters
EM316GCL-M MRV-EM316GCL-M Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com