データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317DCY データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM317DCY
部品情報  3-TERMINAL ADJUSTABLE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM317DCY データシート(HTML) 6 Page - Texas Instruments

Back Button LM317DCY Datasheet HTML 2Page - Texas Instruments LM317DCY Datasheet HTML 3Page - Texas Instruments LM317DCY Datasheet HTML 4Page - Texas Instruments LM317DCY Datasheet HTML 5Page - Texas Instruments LM317DCY Datasheet HTML 6Page - Texas Instruments LM317DCY Datasheet HTML 7Page - Texas Instruments LM317DCY Datasheet HTML 8Page - Texas Instruments LM317DCY Datasheet HTML 9Page - Texas Instruments LM317DCY Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LM317
3-TERMINAL ADJUSTABLE REGULATOR
SLVS044H – SEPTEMBER 1997 – REVISED DECEMBER 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
R1
1.2 k
R2
20 k
INPUT
OUTPUT
ADJUST
LM317
VO
VI
Figure 6. 1.2-V to 20-V Regulator Circuit With Minimum Program Current
INPUT
OUTPUT
ADJUST
LM317
VO†
VI
INPUT
OUTPUT
ADJUST
LM317
VO†
VI
INPUT
OUTPUT
ADJUST
LM317
VO†
VI
R1
120
R2
1 k
† Minimum load current from each output is 10 mA. All output voltages are within 200 mV of each other.
Figure 7. Adjusting Multiple On-Card Regulators With a Single Control
R1
240
R2
2.4 k
INPUT
OUTPUT
ADJUST
LM317
VI
RS
0.2
(see Note A)
NOTE A: RS controls the output impedance of the charger.
The use of RS allows for low charging rates with a fully charged battery.
Z
OUT + RS 1 )
R2
R1
Figure 8. Battery-Charger Circuit


同様の部品番号 - LM317DCY

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM317DCY TI-LM317DCY Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317DCY TI1-LM317DCY Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM317DCYG3 TI-LM317DCYG3 Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317DCYG3 TI1-LM317DCYG3 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM317DCYR TI-LM317DCYR Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

同様の説明 - LM317DCY

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com