データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33981 データシート(PDF) 6 Page - Motorola, Inc

部品番号 MC33981
部品情報  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33981 データシート(HTML) 6 Page - Motorola, Inc

Back Button MC33981 Datasheet HTML 2Page - Motorola, Inc MC33981 Datasheet HTML 3Page - Motorola, Inc MC33981 Datasheet HTML 4Page - Motorola, Inc MC33981 Datasheet HTML 5Page - Motorola, Inc MC33981 Datasheet HTML 6Page - Motorola, Inc MC33981 Datasheet HTML 7Page - Motorola, Inc MC33981 Datasheet HTML 8Page - Motorola, Inc MC33981 Datasheet HTML 9Page - Motorola, Inc MC33981 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
33981
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Battery Supply Voltage Range
Fully Operational
Extended
VPWR
6.0
4.5
27
27
V
VPWR Supply Current
Output ON, IOUT = 0 A
IPWR(ON)
––
10
mA
VPWR Supply Current
Output OFF, EN = 5.0 V, OUT Connected to GND
IPWR(SBY)
––
10
mA
Sleep State Supply Current (VPWR < 14 V, EN = 0V)
TJ = 25°C
TJ = 125°C
IPWR(SLEEP)
5.0
50
µA
Undervoltage Shutdown
VPWR(UV)
2.0
4.0
V
Undervoltage Hysteresis
VPWR(UVHYS)
–0.3
V
POWER OUTPUT
Output Drain-to-Source ON Resistance
(IOUT = 20 A, TJ = 25°C)
VPWR = 6.0 V
VPWR = 10.0 V
VPWR = 13 V
RDS(ON)
6.0
5.0
4.0
m
Output Drain-to-Source ON Resistance (IOUT = 20 A, TJ = 150°C)
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13 V
RDS(ON)
10.2
8.5
6.8
m
Output Drain-to-Source ON Resistance
(IOUT = 20 A, TJ = 25°C)
VPWR = - 13 V
RDS(ON)
––
8.0
m
Output Overcurrent Detection Level
IOCH
100
A
Current Sense Ratio
9.0 V < VPWR < 16 V, CNS < 4.5V
CSR
1/20000
Current Sense Ratio (CSR) Accuracy
Output Current
5.0 A
10 A
30 A
CSR_ACC
-20
-14
-12
20
14
12
%
Current Sense Voltage Clamp
ICCNS = 15 mA
VCL(CSNS)
4.5
6.0
7.0
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC33981

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33981 FREESCALE-MC33981 Datasheet
1Mb / 37P
   Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz
MC33981 FREESCALE-MC33981 Datasheet
3Mb / 40P
   Single High Side Switch
logo
NXP Semiconductors
MC33981 NXP-MC33981 Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
MC33981ABHFK NXP-MC33981ABHFK Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
MC33981ADHFK NXP-MC33981ADHFK Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
More results

同様の説明 - MC33981

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
MC33981 FREESCALE-MC33981 Datasheet
1Mb / 37P
   Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
logo
NXP Semiconductors
MC33981 NXP-MC33981 Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
Freescale Semiconductor...
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
logo
International Rectifier
AUIR3330S IRF-AUIR3330S_15 Datasheet
1Mb / 30P
   PROTECTED HIGH FREQUENCY HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com