データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQP90N10V2 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FQP90N10V2
部品情報  100V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP90N10V2 データシート(HTML) 2 Page - Fairchild Semiconductor

  FQP90N10V2 Datasheet HTML 1Page - Fairchild Semiconductor FQP90N10V2 Datasheet HTML 2Page - Fairchild Semiconductor FQP90N10V2 Datasheet HTML 3Page - Fairchild Semiconductor FQP90N10V2 Datasheet HTML 4Page - Fairchild Semiconductor FQP90N10V2 Datasheet HTML 5Page - Fairchild Semiconductor FQP90N10V2 Datasheet HTML 6Page - Fairchild Semiconductor FQP90N10V2 Datasheet HTML 7Page - Fairchild Semiconductor FQP90N10V2 Datasheet HTML 8Page - Fairchild Semiconductor FQP90N10V2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. A1, April 2004
©2004 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 0.3mH, IAS = 90A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 90A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
100
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.1
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 100 V, VGS = 0 V
--
--
1
µA
VDS = 80 V, TC = 150°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 45 A
--
8.5
10
m
gFS
Forward Transconductance
VDS = 40 V, ID = 45 A
(Note 4)
--
72
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
4730
6150
pF
Coss
Output Capacitance
--
1180
1530
pF
Crss
Reverse Transfer Capacitance
--
300
390
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 50 V, ID = 90 A,
RG = 25 Ω
(Note 4, 5)
--
52
114
ns
tr
Turn-On Rise Time
--
492
994
ns
td(off)
Turn-Off Delay Time
--
304
618
ns
tf
Turn-Off Fall Time
--
355
720
ns
Qg
Total Gate Charge
VDS = 80 V, ID = 90 A,
VGS = 10 V
(Note 4, 5)
--
147
191
nC
Qgs
Gate-Source Charge
--
28
--
nC
Qgd
Gate-Drain Charge
--
60
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
90
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
360
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 90 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 90 A,
dIF / dt = 100 A/µs
(Note 4)
--
114
--
ns
Qrr
Reverse Recovery Charge
--
0.54
--
µC


同様の部品番号 - FQP90N10V2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQP90N10V2 FAIRCHILD-FQP90N10V2 Datasheet
926Kb / 10P
   100V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP90N10V2 ISC-FQP90N10V2 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

同様の説明 - FQP90N10V2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com