データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1003A350 データシート(PDF) 2 Page - Littelfuse

部品番号 SL1003A350
部品情報  Greentube SL1003 Series Gas Plasma Arresters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1003A350 データシート(HTML) 2 Page - Littelfuse

  SL1003A350 Datasheet HTML 1Page - Littelfuse SL1003A350 Datasheet HTML 2Page - Littelfuse SL1003A350 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Gas Discharge Tubes
332
www .littelfuse .com
8
Nominal
On-State
Voltage @
1A (V)
20
20
20
20
20
20
20
20
LITTELFUSE 3 TERMINAL MINI ARRESTER SERIES
TOTALLY NON-RADIOACTIVE, UL RECOGNIZED
Notes:
(1) Tested according to ITU-T Rec.K12
(2) 10 shots, 8/20µs wave form per IEC 61000-4-5
(3) Measured @ 100 Volts
(4) Measured @ 1 MHz, 0 volt bias
(5) Measured with 2/10µs wave form
(6) Measured with 10/350µs wave form
(7) Measured @ 100VDC except 90V which is measured at 50VDC
Part Number
SL1003A090
SL1003A230
SL1003A250
SL1003A260
SL1003A300
SL1003A350
SL1003A400
SL1003A450
DC Voltage
@100V/sec
(V)
90
230
250
260
300
350
400
450
Max Dynamic
Breakover
Voltage @
100 V/µs (Vbr)
600
350
400
420
450
500
550
650
Max Dynamic
Breakover
Voltage @
1 kV/µs (Vbr)
700
500
600
600
650
700
800
800
MaxRepetitive
Impulse
Discharge
Current2 (kA)
5
5
5
5
5
5
5
5
Insulation
Resistance7
(
Ω)
1x109 @50V
1x109 @100V
1x109 @100V
1x109 @100V
1x109 @100V
1x109 @100V
1x109 @100V
1x109 @100V
Max
Capacitance4
(pF)
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
Holdover
Voltage1
(V)
50
135
135
135
135
135
135
135
Greentube™ SL1003 Series Gas Plasma Arresters
High Performance Beta Range
Alternating
Discharge
Current3 (A)
5
5
5
5
5
5
5
5
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Voltage vs Time Characteristic
Typical Inser
tion loss figures
@1.0 GHz = 0.01dB
@1.4 GHz = 0.1dB
@1.8 GHz = 0.53dB
@2.1 GHz = 0.81dB
@2.45 GHz = 1.0dB
@2.8 GHz = 1.2dB
@3.1 GHz= 1.5dB
@3.5 GHz = 2.1dB
®
Pb
RoHS


同様の部品番号 - SL1003A350

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1003A350 LITTELFUSE-SL1003A350 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products SL1003A Series
SL1003A350 LITTELFUSE-SL1003A350 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1003A350 LITTELFUSE-SL1003A350 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1003A350 LITTELFUSE-SL1003A350 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

同様の説明 - SL1003A350

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1002A LITTELFUSE-SL1002A Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
18A LITTELFUSE-18A Datasheet
80Kb / 1P
   18A/18B Series Potted Gas Plasma Arresters
P0080SAL LITTELFUSE-P0080SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
   Surge Arresters (Gas Filled)
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
   Gas Tube Surge Arresters
logo
Littelfuse
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com