データシートサーチシステム |
|
SM5009AL4S データシート(PDF) 5 Page - Nippon Precision Circuits Inc |
|
SM5009AL4S データシート(HTML) 5 Page - Nippon Precision Circuits Inc |
5 / 20 page SM5009 series NIPPON PRECISION CIRCUITS INC.—5 SPECIFICATIONS Absolute Maximum Ratings VSS = 0V unless otherwise noted. Recommended Operating Conditions VSS = 0V unless otherwise noted. Parameter Symbol Condition Rating Unit Supply voltage range VDD −0.5 to +7.0 V Input voltage range VIN −0.5 to VDD + 0.5 V Output voltage range VOUT −0.5 to VDD + 0.5 V Operating temperature range Topr −40 to +85 °C Storage temperature range Tstg Chip form −65 to +150 °C 8-pin SOP −55 to +125 Output current IOUT 25 mA Power dissipation PD 8-pin SOP 500 mW Parameter Symbol Version Condition Rating Unit min typ max Supply voltage VDD AH × f ≤ 30MHz 4.5 – 5.5 V f ≤ 16MHz 2.7 – 3.3 AK × f ≤ 40MHz 4.5 – 5.5 V AN × f ≤ 40MHz 2.7 – 5.5 V CN × f ≤ 30MHz 2.7 – 5.5 V AL × Chip form f ≤ 40MHz 2.7 – 5.5 V f ≤ 30MHz 2.3 – 2.7 f ≤ 20MHz 2.25 – 2.75 8-pin SOP f ≤ 40MHz 2.7 – 5.5 f ≤ 14.4MHz 2.4 – 2.7 Input voltage VIN All version VSS –VDD V Operating temperature TOPR AH × f ≤ 30MHz, 4.5V ≤ VDD ≤ 5.5V − 40 – + 85 °C f ≤ 16MHz, 2.7V ≤ VDD ≤ 3.6V − 20 – + 80 AK × f ≤ 30MHz − 40 – + 85 °C 30MHz < f ≤ 40MHz − 20 – + 80 AN × Chip form f ≤ 40MHz, 2.7V ≤ VDD < 4.5V − 20 – + 80 °C f ≤ 40MHz, 4.5V ≤ VDD ≤ 5.5V − 40 – + 85 8-pin SOP f ≤ 40MHz, 2.7V ≤ VDD < 4.5V − 20 – + 80 f ≤ 40MHz, 4.5V ≤ VDD ≤ 5.5V − 20 – + 80 f ≤ 30MHz, 4.5V ≤ VDD ≤ 5.5V − 40 – + 85 CN × f ≤ 30MHz, 2.7V ≤ VDD < 4.5V − 10 – + 70 °C f ≤ 30MHz, 4.5V ≤ VDD ≤ 5.5V − 40 – + 85 AL × Chip form f ≤ 40MHz, 2.7V ≤ VDD ≤ 5.5V − 40 – + 85 °C f ≤ 30MHz, 2.3V ≤ VDD ≤ 2.7V − 20 – + 80 f ≤ 20MHz, 2.25V ≤ VDD ≤ 2.75V − 20 – + 80 8-pin SOP f ≤ 40MHz, 2.7V ≤ VDD ≤ 5.5V − 20 – + 80 f ≤ 30MHz, 2.7V ≤ VDD ≤ 5.5V − 40 – + 85 f ≤ 14.4MHz, 2.4V ≤ VDD ≤ 2.7V − 20 – + 80 |
同様の部品番号 - SM5009AL4S |
|
同様の説明 - SM5009AL4S |