データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM65MLVD207D データシート(PDF) 10 Page - Texas Instruments

部品番号 SM65MLVD207D
部品情報  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM65MLVD207D データシート(HTML) 10 Page - Texas Instruments

Back Button SM65MLVD207D Datasheet HTML 2Page - Texas Instruments SM65MLVD207D Datasheet HTML 3Page - Texas Instruments SM65MLVD207D Datasheet HTML 4Page - Texas Instruments SM65MLVD207D Datasheet HTML 5Page - Texas Instruments SM65MLVD207D Datasheet HTML 6Page - Texas Instruments SM65MLVD207D Datasheet HTML 7Page - Texas Instruments SM65MLVD207D Datasheet HTML 8Page - Texas Instruments SM65MLVD207D Datasheet HTML 9Page - Texas Instruments SM65MLVD207D Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558A – DECEMBER 2002 – JUNE 2003
www.ti.com
10
15 pF
tpZL
tpLZ
VOL
VOL +0.5 V
VO
RL
499
_
+
VTEST
B
A
RE
1.2 V
Inputs
VCC
1 V
VCC
VCC/2
0 V
VCC
VCC/2
VTEST
A
RE
R
0 V
1.4 V
A
tpZH
tpHZ
0 V
VOH –0.5 V
VCC
VCC/2
0 V
VOH
VCC/2
RE
VO
R
Output
VTEST
CL
NOTES:A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, frequency = 500 kHz,
duty cycle = 50
± 5%.
B. RL is 1% tolerance, metal film, surface mount, and located within 2 cm of the D.U.T.
C. RL is 1% tolerance, metal film, surface mount, and located within 2 cm of the D.U.T.
D. CL is the instrumentation and fixture capacitance within 2 cm of the DUT and ±20%.
Figure 11. Receiver Enable/Disable Time Test Circuit and Waveforms


同様の部品番号 - SM65MLVD207D

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM65MLVD207D TI-SM65MLVD207D Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

同様の説明 - SM65MLVD207D

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com