データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ENP-180 データシート(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

部品番号 ENP-180
部品情報  180W Level Desktop Type Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ENP-180 データシート(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ENP-180 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ENP-180 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ENP-180 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ENP-180 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Universal AC input / Full range
Built-in active PFC function
Energy efficiency Level
No load power consumption <0.15W
Comply with EISA 2007/DoE, NRCan and EU ErP
125% peak load capability
Fanless design, cooling by free air convection
Protection: Short circuit / Overload / Over voltage /
Over temperature
3 years warranty
■ Features
■ Applications
■ Model Encoding
■ Description
Nominal voltage
Series name
ENP
-
- 180 24
Rated wattage
180W Level
Desktop Type Power Supply
ENP-180 series
File Name:ENP-180-SPEC 2017-02-13
Land mobile radio system
Surveillance system
TV antenna facility
ENP-180 series is a 180W desktop type power supply working perfectly for communication related
applications. Observing the standard 7” width size in the land mobile radio field, it provides the most
frequently used voltage in the communication field. With the rugged mechanical design along with the
high efficiency circuitry, it operates for the ambient temperature range -30 ~+70 under free air convection.
℃℃
UL60950-1
IEC60950-1


同様の部品番号 - ENP-180

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
ENP-120 MEANWELL-ENP-120 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-120-12 MEANWELL-ENP-120-12 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-120-24 MEANWELL-ENP-120-24 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-120-48 MEANWELL-ENP-120-48 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
More results

同様の説明 - ENP-180

メーカー部品番号データシート部品情報
logo
Vitec Power
ITDA180I-SERIES Vitec-ITDA180I-SERIES Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
logo
Mean Well Enterprises C...
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
   240W Level Desktop Type Power Supply
logo
Vitec Power
ITDA180T Vitec-ITDA180T Datasheet
304Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
logo
Mean Well Enterprises C...
ENC-180 MEANWELL-ENC-180 Datasheet
107Kb / 5P
   180W Programmable Desktop Type Battery Charger
logo
Tumbler Technologies + ...
TIPC180-FXS TRUMPOWER-TIPC180-FXS Datasheet
171Kb / 1P
   180W FlexATX IPC Power Supply
logo
GAPTEC Electronic GmbH ...
180ACMOP GAPTEC-180ACMOP Datasheet
752Kb / 2P
   180W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
logo
Total Power Internation...
TPS180 TOTAL-POWER-TPS180 Datasheet
942Kb / 4P
   SWITCHING MODE 180W U CHANNEL POWER SUPPLY
logo
Tumbler Technologies + ...
TMPC-180-1U TRUMPOWER-TMPC-180-1U Datasheet
67Kb / 1P
   180W PC Power Supply for 1U Application
logo
Mean Well Enterprises C...
ENP-120 MEANWELL-ENP-120 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com