データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STN8205A データシート(PDF) 3 Page - Stanson Technology

部品番号 STN8205A
部品情報  Dual N Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN8205A データシート(HTML) 3 Page - Stanson Technology

  STN8205A Datasheet HTML 1Page - Stanson Technology STN8205A Datasheet HTML 2Page - Stanson Technology STN8205A Datasheet HTML 3Page - Stanson Technology STN8205A Datasheet HTML 4Page - Stanson Technology STN8205A Datasheet HTML 5Page - Stanson Technology STN8205A Datasheet HTML 6Page - Stanson Technology STN8205A Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STN8205A
Dual N Channel Enhancement Mode MOSFET
5.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
STN8205A 2007. V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=250uA
20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
0.6
1.2
V
Gate Leakage Current
IGSS
VDS=0V,VGS=+/-20V
±100 nA
Zero Gate Voltage Drain
Current
IDSS
VDS=20V,VGS=0V
1
uA
VDS=20V,VGS=0V
TJ=85℃
5
Drain-source On-Resistance
RDS(on)
VGS=4.5V,ID=5.0A
0.021
0.27
Ω
VGS=2.5V,ID=3.0A
0.024 0.030
Forward Transconductance
gfs
VDS=5V,ID=3.6A
10
S
Diode Forward Voltage
VSD
IS=1.0A,VGS=0V
0.8
1.0
V
Dynamic
Total Gate Charge
Qg
VDS=10V,VGS=4.5V,VDS=4A
10.5
nC
Gate-Source Charge
Qgs
2.5
Gate-Drain Charge
Qgd
2.1
Input Capacitance
Ciss
VDS=8V,VGS=0V
f=1MHz
805
pF
Output Capacitance
Coss
155
Reverse Transfer
Capacitance
Crss
122
Turn-On Time
Td(on)
VDD=10V, RL=10Ω,
ID=1.0A, VGEN=4.5V,
RG=10Ω
14
nS
tr
6
Turn-Off Time
Td(off)
45
tf
20


同様の部品番号 - STN8205A

メーカー部品番号データシート部品情報
logo
Stanson Technology
STN8205AA STANSON-STN8205AA Datasheet
167Kb / 7P
   Dual N Channel Enhancement Mode MOSFET
STN8205AAST8RG STANSON-STN8205AAST8RG Datasheet
167Kb / 7P
   Dual N Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STN8205AAST8RG VBSEMI-STN8205AAST8RG Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
More results

同様の説明 - STN8205A

メーカー部品番号データシート部品情報
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com