データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WDIH15140SF1111 データシート(PDF) 2 Page - OPLINK Communications Inc.

部品番号 WDIH15140SF1111
部品情報  1480/1550nm WDM/Isolator Hybrid Combination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPLINK [OPLINK Communications Inc.]
ホームページ  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

WDIH15140SF1111 データシート(HTML) 2 Page - OPLINK Communications Inc.

  WDIH15140SF1111 Datasheet HTML 1Page - OPLINK Communications Inc. WDIH15140SF1111 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
WDIH
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Mechanical Drawing / Package Dimensions (dimension in mm)
34.0 mm
REFLECT
COMMON
3
1
Ø5.5 mm
PASS 2
P1: SMF-28 250µm bare fiber
54.0mm
P2: 900
µm loose tube
40.0 mm
REFLECT
COMMON
3
1
Ø5.5 mm
PASS 2
60.0mm
COMM
1550 nm
COMM
1550 nm
PASS
1550 nm
PASS
1550 nm
1480 nm
PUMP
1480 nm
PUMP
0
Package & Fiber Type
P1 + SMF-28 250μm bare fiber= 11
P2 + 900µm loose tube = 22
Wavelength
Fiber Length
Configuration
Stage
1550/1480nm = 1514
1585/1480nm = 1614
0.5 meter = H
1.0 Meter = 1*
1.5 Meters = 5
2.0 Meters = 2
Forward Type = F
Backward Type = B
Single Stage = S
Dual Stage = D
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
1480/1550nm WDM/Isolator
Hybrid Combination
WDIH1514 Series
S0077 - R11. 20100702
* The tolerance of fiber length is +/-0.1m. 1 meter is standard.
The lead-time for special fiber length will be longer.


同様の部品番号 - WDIH15140SF1111

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
WDIH15140SF1123 OPLINK-WDIH15140SF1123 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH15140SF1124 OPLINK-WDIH15140SF1124 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH15140SF1153 OPLINK-WDIH15140SF1153 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH15140SF1154 OPLINK-WDIH15140SF1154 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
More results

同様の説明 - WDIH15140SF1111

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
WDIH1514 OPLINK-WDIH1514 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH1514-S0077 OPLINK-WDIH1514-S0077 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WTIH1514S0121 OPLINK-WTIH1514S0121 Datasheet
164Kb / 2P
   1480/1550nm WDM/TAP Coupler/Isolator Hybrid Combination
MINI-WDIH54 OPLINK-MINI-WDIH54 Datasheet
224Kb / 2P
   Mini 1480/1550nm WDM/Isolator Hybrid
WDIH1598-S0079 OPLINK-WDIH1598-S0079 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH15980SF1111 OPLINK-WDIH15980SF1111 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH1598 OPLINK-WDIH1598 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH15980SF3011 OPLINK-WDIH15980SF3011 Datasheet
216Kb / 2P
   Mini 980/1550nm WDM/Isolator Hybrid
WDIH15980SF3 OPLINK-WDIH15980SF3 Datasheet
433Kb / 2P
   Mini 980/1550nm WDM/Isolator Hybrid
MINI-WDIH59 OPLINK-MINI-WDIH59 Datasheet
216Kb / 2P
   Mini 980/1550nm WDM/Isolator Hybrid
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com