データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPTR6243 データシート(PDF) 2 Page - Green Power Solutions srl

部品番号 GPTR6243
部品情報  PHASE CONTROLLED SCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GPSEMI [Green Power Solutions srl]
ホームページ  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPTR6243 データシート(HTML) 2 Page - Green Power Solutions srl

  GPTR6243 Datasheet HTML 1Page - Green Power Solutions srl GPTR6243 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHASE CONTROLLED SCR
GPTR6243
Ordering information GPTR6243-VVGL
VV: blocking voltage / 100 (e.g. 52 for 5200 V)
G: trigger lead type (S = straight T = twisted blank = no leads)
L: trigger lead lenght x 100mm (3 - 4 - 5 - 7 blank = no leads)
Document GPTR6243T002
0
1000
2000
3000
4000
5000
6000
0
0.5
1
1.5
2
2.5
V
T [V]
On-state voltage drop
T
j=Tjmax
0
400
800
1200
1600
2000
2400
2800
0.8
1
1.2
1.4
1.6
1.8
2
V
T [V]
On-state voltage drop
T
j=Tjmax
0
5
10
15
20
25
30
35
40
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
0.001
0.01
0.1
1
10
Time [s]
Thermal impedance (j-c)
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
2000
2400
I
T [A]
Current rating - sine wave
180
°
90
°
120
°
60
°
30
°
0
1000
2000
3000
4000
5000
6000
7000
0
400
800
1200
1600
2000
2400
I
T[A]
Power loss - sine wave
180
°
120
°
90
°
60
°
30
°
dimensions mm


同様の部品番号 - GPTR6243

メーカー部品番号データシート部品情報
logo
Green Power Solutions s...
GPTR6268 GPSEMI-GPTR6268 Datasheet
296Kb / 2P
   PHASE CONTROLLED SCR
More results

同様の説明 - GPTR6243

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GPTR3190 ETC2-GPTR3190 Datasheet
122Kb / 2P
   PHASE CONTROLLED SCR
logo
Green Power Solutions s...
GPTG2072 GPSEMI-GPTG2072_17 Datasheet
314Kb / 2P
   PHASE CONTROLLED SCR
GPTR4260 GPSEMI-GPTR4260 Datasheet
294Kb / 2P
   PHASE CONTROLLED SCR
GPTS7224 GPSEMI-GPTS7224 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTP2165 GPSEMI-GPTP2165_17 Datasheet
487Kb / 2P
   PHASE CONTROLLED SCR
GPTR1545 GPSEMI-GPTR1545 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS3612 GPSEMI-GPTS3612 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS4510 GPSEMI-GPTS4510 Datasheet
300Kb / 2P
   PHASE CONTROLLED SCR
GPTR4154 GPSEMI-GPTR4154 Datasheet
116Kb / 2P
   PHASE CONTROLLED SCR
GPTG2072 GPSEMI-GPTG2072 Datasheet
159Kb / 2P
   PHASE CONTROLLED SCR
GPTN5061 GPSEMI-GPTN5061 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com