データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA673 データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 2SA673
部品情報  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SA673 データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SA673 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA673 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA673 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO – 92
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SA673
TRANSISTOR (PNP)
FEATURES
Low Frequency Amplifier
Complementary Pair with 2SC1213
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-0.01mA,IE=0
-35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-35
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.01mA,IC=0
-4
V
Collector cut-off current
ICBO
VCB=-20V,IE=0
-0.5
μA
Emitter cut-off current
IEBO
VEB=-3V,IC=0
-0.5
μA
hFE(1)
VCE=-3V, IC=-10mA
60
320
DC current gain
hFE(2)
*
VCE=-3V, IC=-500mA
10
Collector-emitter saturation voltage
VCE(sat)
*
IC=-150mA,IB=-15mA
-0.6
V
Base-emitter voltage
VBE
VCE=-3V, IC=-10mA
-0.75
V
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
CLASSIFICATION OF hFE(1)
RANK
B
C
D
RANGE
60-120
100-200
160-320
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-35
V
VCEO
Collector-Emitter Voltage
-35
V
VEBO
Emitter-Base Voltage
-4
V
IC
Collector Current
-0.5
A
PC
Collector Power Dissipation
400
mW
RθJA
Thermal Resistance From Junction To Ambient
312
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
C,Dec,2015


同様の部品番号 - 2SA673

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SA673 HITACHI-2SA673 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
logo
Micro Electronics
2SA673 MICRO-ELECTRONICS-2SA673 Datasheet
63Kb / 1P
   SILICON TRANSISTOR
logo
TRANSYS Electronics Lim...
2SA673 TEL-2SA673 Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SA673 RENESAS-2SA673 Datasheet
60Kb / 5P
   Silicon PNP Epitaxial
logo
Dc Components
2SA673 DCCOM-2SA673 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results

同様の説明 - 2SA673

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com