データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16PNP100A データシート(PDF) 11 Page - Texas Instruments

部品番号 TL16PNP100A
部品情報  STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL16PNP100A データシート(HTML) 11 Page - Texas Instruments

Back Button TL16PNP100A Datasheet HTML 7Page - Texas Instruments TL16PNP100A Datasheet HTML 8Page - Texas Instruments TL16PNP100A Datasheet HTML 9Page - Texas Instruments TL16PNP100A Datasheet HTML 10Page - Texas Instruments TL16PNP100A Datasheet HTML 11Page - Texas Instruments TL16PNP100A Datasheet HTML 12Page - Texas Instruments TL16PNP100A Datasheet HTML 13Page - Texas Instruments TL16PNP100A Datasheet HTML 14Page - Texas Instruments TL16PNP100A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TL16PNP100A
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
SLLS200C – MARCH 1995 – REVISED SEPTEMBER 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
2.
Program the I/O ports descriptors in the EEPROM as follows:
47h
I/O port descriptors with 7 bytes
01h
Information, bit 0 is set. The logical device is decoding full 16-bit ISA addresses
00h
Address bits 7–0 for minimum configuration base I/O address
02h
Address bits 15–8 for minimum configuration base I/O address
00h
Address bits 7–0 for maximum configuration base I/O address
03h
Address bits 15–8 for maximum configuration base I/O address
08h
Base alignment, which has a block size of 8 bytes
01h
One I/O port is needed
Using the above setup, the PnP BIOS maps the logical device to an address so that the upper six bits are always
zeros. The 0 output from the OR gate occurs when SA15-SA10 and SAEN are low. This forces the logical device
to check SA09-SA0 for a possible valid address.


同様の部品番号 - TL16PNP100A

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
TL16PNP100AFN TI1-TL16PNP100AFN Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
TL16PNP100AFNR TI1-TL16PNP100AFNR Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
TL16PNP100APT TI1-TL16PNP100APT Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
More results

同様の説明 - TL16PNP100A

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16PNP200A TI1-TL16PNP200A Datasheet
340Kb / 10P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
   Plug and Play Integrated Audio Controller
logo
Cirrus Logic
CS8920A CIRRUS-CS8920A Datasheet
1Mb / 144P
   CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
Texas Instruments
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
logo
Exar Corporation
XR16C872 EXAR-XR16C872 Datasheet
347Kb / 60P
   DUAL UART WITH 1284 PARALLEL PORT AND PLUG-AND-PLAY CONTROLLER
logo
Texas Instruments
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com