データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC-140-BJF-106 データシート(PDF) 2 Page - Vectron International, Inc

部品番号 TC-140-BJF-106
部品情報  Temperature Compensated Crystal Oscillators (TCXOs)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VECTRON [Vectron International, Inc]
ホームページ  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-140-BJF-106 データシート(HTML) 2 Page - Vectron International, Inc

  TC-140-BJF-106 Datasheet HTML 1Page - Vectron International, Inc TC-140-BJF-106 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Temperature Compensated Crystal Oscillators (TCXO’s)
TC-140 (R Series)
Outline Drawing
Output Option A
B
Output
HCMOS/ACMOS
10 TTL
Voh min..
0.8 (Vdd)
+2.4 Vdc
Vol max.
+0.5 Vdc
+0.5 Vdc
Load (typical)
100 k ohm // 10 pF
10 TTL
Symmetry
50% ±10%
50% ±10%
Rise/Fall Time
5 ns max.
10 ns max.
Output Option
G
J
Output
Sinewave
Sinewave
Level
0 dBm to +6 dBm +7 dBm to +13 dBm
Load
50 ohm
50 ohm
Harmonics/subs
-20 dBc max.
-20 dBc max.
Other Spurious
-60 dBc max.
-80 dBc max.
Pin
Function
1
Output
2
Supply (Vdd)
3
Gnd
4
Freq. Adjust/NC
5
Gnd
A
±3 ppm minimum via internal mechanical adjust
positive slope.
B
±3 ppm minimum via external voltage, 0 to +5 Vdc
F
No Frequency Adjust. Standard option for ±1 ppm
and ±4.6 ppm for 10 years units. However, this
option is available with all Stability options. No user
adjustment is needed. Unit is Plug-N-Play.
Note: This option is ideal for high volume applica-
tions where minimal set-up and testing is desired.
TC
Output Frequency
0.5 MHz to 160 MHz
140
A
C
B
F
4PM
12.80
Product Family
TC = TCXO
Package
140 = package
Supply Voltage
B = 12 Vdc ±5%
C = 5.0 Vdc ±5%
Output
A = HCMOS/ACMOS
B = 10 TTL
G = 0 dBm / 50 ohm
J = +7 dBm / 50 ohm
MHz
Frequency Adjust Options
A = Internal Mech. Adjust (standard)
B = External Voltage Adjust
F = No Frequency adjust (see above)
Ordering Information
Temperature Stability
B-1PM = ±1.0 x 10-6 over 0°C to +50°C, 10 years (no freq. adjust)
B-207 = ±2.0 x 10-7 over
0°C to +50°C
B-ST3 = Stratum 3 over
0°C to +50°C
B-4PM = ±4.6 x 10-6 over 0°C to +50°C, 10 years (no freq. adjust)
C-1PM = ±1.0 x 10-6 over 0°C to +70°C, 10 years (no freq. adjust)
C-ST3 = Stratum 3 over 0°C to +70°C
C-507 = ±5.0 x 10-7 over 0°C to +70°C
C-4PM = ±4.6 x 10-6 over 0°C to +70°C, 10 years (no freq. adjust)
F-106 = ±1.0 x 10-6 over -40°C to +85°C
F-4PM = ±4.6 x 10-6 over -40°C to +85°C, 10 years (no freq. adjust)
Note: Other stabilities are available upon request.
Frequency Adjust Options
Pin Out Information
Output Levels
Sine
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
.508
(0.20)
1.270
(0.05)
Frequency Adjust
Access. For Mechanical
Adjust Units only.
5.842
(0.23)
min
38.887
(1.531) max
13.462
(0.53)
.508
(0.02)
max
0.762
(.030)
DIA. 5 PLACES
2.54
(0.10)
C
L
38.887
(1.531)
25.4
(1.000)
12.70
(0.500)
25.4
(1.000)
12.70
(0.500)
34
2
1
10.160
(0.400)
6.350
(0.250)
5
20.320
(0.800)
max
CL
mm!
(in)
61
TCXO
8798_AA's Vectron
05/30/02
3:11 PM
Page 61


同様の部品番号 - TC-140-BJF-106

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-1400RHN4 ETC2-TC-1400RHN4 Datasheet
281Kb / 17P
   1400W Redundant Power Supply
More results

同様の説明 - TC-140-BJF-106

メーカー部品番号データシート部品情報
logo
Vectron International, ...
TC-350 VECTRON-TC-350 Datasheet
763Kb / 6P
   Low Profile TCXOs Temperature Compensated Crystal Oscillators
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com