データシートサーチシステム |
|
TC-140-BBF-4PM データシート(PDF) 2 Page - Vectron International, Inc |
|
TC-140-BBF-4PM データシート(HTML) 2 Page - Vectron International, Inc |
2 / 2 page Temperature Compensated Crystal Oscillators (TCXO’s) TC-140 (R Series) Outline Drawing Output Option A B Output HCMOS/ACMOS 10 TTL Voh min.. 0.8 (Vdd) +2.4 Vdc Vol max. +0.5 Vdc +0.5 Vdc Load (typical) 100 k ohm // 10 pF 10 TTL Symmetry 50% ±10% 50% ±10% Rise/Fall Time 5 ns max. 10 ns max. Output Option G J Output Sinewave Sinewave Level 0 dBm to +6 dBm +7 dBm to +13 dBm Load 50 ohm 50 ohm Harmonics/subs -20 dBc max. -20 dBc max. Other Spurious -60 dBc max. -80 dBc max. Pin Function 1 Output 2 Supply (Vdd) 3 Gnd 4 Freq. Adjust/NC 5 Gnd A ±3 ppm minimum via internal mechanical adjust positive slope. B ±3 ppm minimum via external voltage, 0 to +5 Vdc F No Frequency Adjust. Standard option for ±1 ppm and ±4.6 ppm for 10 years units. However, this option is available with all Stability options. No user adjustment is needed. Unit is Plug-N-Play. Note: This option is ideal for high volume applica- tions where minimal set-up and testing is desired. TC Output Frequency 0.5 MHz to 160 MHz 140 A C B F 4PM 12.80 Product Family TC = TCXO Package 140 = package Supply Voltage B = 12 Vdc ±5% C = 5.0 Vdc ±5% Output A = HCMOS/ACMOS B = 10 TTL G = 0 dBm / 50 ohm J = +7 dBm / 50 ohm MHz Frequency Adjust Options A = Internal Mech. Adjust (standard) B = External Voltage Adjust F = No Frequency adjust (see above) Ordering Information Temperature Stability B-1PM = ±1.0 x 10-6 over 0°C to +50°C, 10 years (no freq. adjust) B-207 = ±2.0 x 10-7 over 0°C to +50°C B-ST3 = Stratum 3 over 0°C to +50°C B-4PM = ±4.6 x 10-6 over 0°C to +50°C, 10 years (no freq. adjust) C-1PM = ±1.0 x 10-6 over 0°C to +70°C, 10 years (no freq. adjust) C-ST3 = Stratum 3 over 0°C to +70°C C-507 = ±5.0 x 10-7 over 0°C to +70°C C-4PM = ±4.6 x 10-6 over 0°C to +70°C, 10 years (no freq. adjust) F-106 = ±1.0 x 10-6 over -40°C to +85°C F-4PM = ±4.6 x 10-6 over -40°C to +85°C, 10 years (no freq. adjust) Note: Other stabilities are available upon request. Frequency Adjust Options Pin Out Information Output Levels Sine Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com .508 (0.20) 1.270 (0.05) Frequency Adjust Access. For Mechanical Adjust Units only. 5.842 (0.23) min 38.887 (1.531) max 13.462 (0.53) .508 (0.02) max 0.762 (.030) DIA. 5 PLACES 2.54 (0.10) C L 38.887 (1.531) 25.4 (1.000) 12.70 (0.500) 25.4 (1.000) 12.70 (0.500) 34 2 1 10.160 (0.400) 6.350 (0.250) 5 20.320 (0.800) max CL mm! (in) 61 TCXO 8798_AA's Vectron 05/30/02 3:11 PM Page 61 |
同様の部品番号 - TC-140-BBF-4PM |
|
同様の説明 - TC-140-BBF-4PM |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |