データシートサーチシステム |
|
UA741CP データシート(PDF) 4 Page - Texas Instruments |
|
|
UA741CP データシート(HTML) 4 Page - Texas Instruments |
4 / 19 page µA741, µA741Y GENERAL-PURPOSE OPERATIONAL AMPLIFIERS SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† µA741C µA741I µA741M UNIT Supply voltage, VCC+ (see Note 1) 18 22 22 V Supply voltage, VCC – (see Note 1) –18 –22 –22 V Differential input voltage, VID (see Note 2) ±15 ±30 ±30 V Input voltage, VI any input (see Notes 1 and 3) ±15 ±15 ±15 V Voltage between offset null (either OFFSET N1 or OFFSET N2) and VCC – ±15 ±0.5 ±0.5 V Duration of output short circuit (see Note 4) unlimited unlimited unlimited Continuous total power dissipation See Dissipation Rating Table Operating free-air temperature range, TA 0 to 70 – 40 to 85 – 55 to 125 °C Storage temperature range – 65 to 150 – 65 to 150 – 65 to 150 °C Case temperature for 60 seconds FK package 260 °C Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds J, JG, or U package 300 °C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds D, P, or PW package 260 260 °C † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, unless otherwise noted, are with respect to the midpoint between VCC+ and VCC – . 2. Differential voltages are at IN+ with respect to IN –. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less. 4. The output may be shorted to ground or either power supply. For the µA741M only, the unlimited duration of the short circuit applies at (or below) 125 °C case temperature or 75°C free-air temperature. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR DERATE ABOVE TA TA = 70°C POWER RATING TA = 85°C POWER RATING TA = 125°C POWER RATING D 500 mW 5.8 mW/ °C 64 °C 464 mW 377 mW N/A FK 500 mW 11.0 mW/ °C 105 °C 500 mW 500 mW 275 mW J 500 mW 11.0 mW/ °C 105 °C 500 mW 500 mW 275 mW JG 500 mW 8.4 mW/ °C90°C 500 mW 500 mW 210 mW P 500 mW N/A N/A 500 mW 500 mW N/A PW 525 mW 4.2 mW/ °C25°C 336 mW N/A N/A U 500 mW 5.4 mW/ °C 57 °C 432 mW 351 mW 135 mW |
同様の部品番号 - UA741CP |
|
同様の説明 - UA741CP |