データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPSA55 データシート(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 MPSA55
部品情報  TO-92 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MPSA55 データシート(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MPSA55 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSA55 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSA55 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSA55 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSA55 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-0.1
-1
-10
1
10
100
1000
-200
-400
-600
-800
-1000
-1200
-0.1
-1
-10
-100
0
25
50
75
100
125
150
0
125
250
375
500
625
750
875
1000
-1
-10
-100
-200
-300
-400
-500
-600
-700
-800
-900
-1000
-1
-10
-100
-10
-100
-1000
-1
-10
-100
10
100
1000
-0
-1
-2
-3
-4
-5
-6
-0.00
-0.05
-0.10
-0.15
-0.20
REVERSE VOLTAGE V (V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/ V
EB
C
ob
/ C
ib
——
-30
BASE-EMMITER VOLTAGE V
BE
(mV)
I
C
V
BE
COMMON EMITTER
V
CE=-1V
AMBIENT TEMPERATURE T
a
( )
P
C
——
T
a
——
COLLECTOR CURRENT I
C
(mA)
=10
T
a=100
T
a=25
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
I
C
V
CEsat
——
T
a=100
T
a=25
=10
-500
-500
-500
-500
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-1V
T
a=25
T
a=100
I
C
h
FE
——
-1mA
-0.9mA
-0.8mA
-0.7mA
-0.6mA
-0.5mA
-0.4mA
-0.3mA
-0.2mA
I
B=-0.1mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON
EMITTER
T
a=25
Static Characteristic
Typical Characteristics
www.cj-elec.com
(,$XJ,201


同様の部品番号 - MPSA55

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MPSA55 MOTOROLA-MPSA55 Datasheet
239Kb / 6P
   Amplifier Transistors
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
119Kb / 2P
   PNP Silicon Amplifier Transistor
logo
Silicon Supplies
MPSA55 SS-MPSA55 Datasheet
1Mb / 4P
   PNP Transistor Bare Die
logo
ON Semiconductor
MPSA55 ONSEMI-MPSA55 Datasheet
111Kb / 8P
   Amplifier Transistors
October, 2001 ??Rev. 1
logo
KEC(Korea Electronics)
MPSA55 KEC-MPSA55 Datasheet
32Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

同様の説明 - MPSA55

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com