データシートサーチシステム |
|
SM6K2 データシート(PDF) 1 Page - Rohm |
|
SM6K2 データシート(HTML) 1 Page - Rohm |
1 / 5 page SM6K2 Transistors Switching (60V, 200mA) SM6K2 ! Features 1) Two RHU002N06 chips in a SMT package. 2) Mounting possible with SMT3 automatic mounting machines. 3) Transistor elements are independent, eliminating interference. 4) Mounting cost and area can be cut in half. ! ! ! ! Structure Silicon N-channel MOSFET transistor The following characteristics apply to both Tr1 and Tr2. ! ! ! ! External dimensions (Units : mm) ROHM : SMT6 EIAJ : SC-74 JEDEC : SOT-457 0.3Min. 2.8 1.6 Abbreviated symbol : K2 Each lead has same dimensions ! ! ! ! Equivalent circuit ∗Gate Protection Diode. (1) (2) (3) (4) (5) (6) ∗ ∗ (1) TR1 Drain (2) TR2 Gate (3) TR2 Source (4) TR2 Drain (5) TR1 Gate (6) TR1 Source ∗ A protection diode has been built in between the gate and the source to protect against static electricity when the product is in use. Use the protection circuit when fixed voltages are exceeded. ! ! ! ! Absolute maximum ratings (Ta=25 °C) Drain-source voltage Gate-source voltage Drain current Drain reverse current Total power dissipation Channel temperature Storage temperature Continuous Pulsed Continuous Pulsed ∗1 Pw≤10µs, Duty cycle≤1% ∗2 When using 1×0.75×0.062 inch glass epoxy board. VDSS VGSS IDR PD∗2 Tch 60 V V mA mA mW °C ±20 200 ID IDRP∗1 mA IDP∗1 mA 800 200 800 200 150 Tstg °C −55~+150 Symbol Limits Unit Parameter |
同様の部品番号 - SM6K2 |
|
同様の説明 - SM6K2 |