データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB1277 データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 STB1277
部品情報  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

STB1277 データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  STB1277 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd STB1277 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd STB1277 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
STB1277
TRANSISTOR (PNP)
FEA TURES
Audio power amplifier
High current application
High current : IC=-2A
Complementary pair with STD1862
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol Para
meter
Value
Unit
VCBO
Collector-Base Voltage
-30 V
VCEO
Collector-Emitter Voltage
-30 V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-2
A
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC= -100uA, IE=0 -30
V
Collector-emitter breakdown voltage
VCEO
IC= -1mA , IB=0 -30
V
Emitter-base breakdown voltage
VEBO
IE= -1mA, IC=0 -5
V
Collector cut-off current
ICBO
VCB= -30 V, IE=0
-0.1
uA
Emitter cut-off current
IEBO
VEB= -5V, IC=0
-0.1
uA
DC current gain
hFE
VCE=-2V, IC= -500mA
100
320
Collector-emitter saturation voltage
VCE(sat)
IC=-2A, IB= -0.2A
-0.8
V
Base-emitter on voltage
VBE(on)
VCE=-2V, IC= -500mA
-1
V
Transition frequency
f T
VCE= -5V, IC= -50mA
170
MHz
Collector Output Capacitance
Cob
VCB=-10V,IE=0,f=1MHZ
48
pF
CLASSIFICATION hFE
Rank
O
Y
Ra nge
100-200
160-320
TO-92
1. EMITTER
2. COLLECTOR
3. BASE
www.cj-elec.com
1
C,Dec,2015


同様の部品番号 - STB1277

メーカー部品番号データシート部品情報
logo
AUK corp
STB1277 AUK-STB1277 Datasheet
93Kb / 4P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STB1277 KODENSHI-STB1277 Datasheet
201Kb / 4P
   PNP Silicon Transistor
logo
SeCoS Halbleitertechnol...
STB1277 SECOS-STB1277 Datasheet
66Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
Nanjing International G...
STB1277 DGNJDZ-STB1277 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
STB1277-O SECOS-STB1277-O Datasheet
66Kb / 1P
   PNP Plastic Encapsulated Transistor
More results

同様の説明 - STB1277

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com