データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STBV32B データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 STBV32B
部品情報  TO-92 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

STBV32B データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  STBV32B Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd STBV32B Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd STBV32B Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd STBV32B Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TO – 92
1.EMITTER
2.COLLECTOR
3.BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
STBV32/B TRANSISTER (NPN)
FEATURES
Medium Voltage Capability
Low Spread of Dynamic Parameters
Minimum Lot-to-lot Spread for Reliable Operation
Very High Switching Speed
APPLICATIONS
Electronic Ballasts for Fluorescent Lighting
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
700
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current
1
A
PC
Collector Power Dissipation
1.1
W
RΘJA
Thermal Resistance From Junction To Ambient
114
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
*
IC=1mA, IE=0
700
V
Collector-emitter breakdown voltage
V(BR)CEO
*
IC=10mA, IB=0
400
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10mA, IC=0
9
V
Collector cut-off current
ICEO
VBE=-1.5V, VCE=700V
1
mA
Emitter cut-off current
IEBO
VEB=7V, IC=0
100
μA
hFE(1)
*
VCE=2V, IC=0.5A
8
35
DC current gain
hFE(2)
*
VCE=2V, IC=1A
5
25
VCE(sat)(1)
*
IC=0.5A, IB=0.1A
0.5
V
VCE(sat)(2)
*
IC=1 A, IB=0.25A
1
V
Collector-emitter saturation voltage
VCE(sat)(3)
*
IC=1.5A, IB=0.5A
1.5
V
VBE (sat)(1)
*
IC=0.5A, IB=0.1A
1
V
Base-emitter saturation voltage
VBE (sat)(2)
*
IC=1A, IB=0.25A
1.2
V
*Pulse test: pulse width ≤300μs, duty cycle≤ 1.5%.
www.cj-elec.com
1
,
,201
5


同様の部品番号 - STBV32B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STBV32 STMICROELECTRONICS-STBV32 Datasheet
67Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STBV32 STMICROELECTRONICS-STBV32 Datasheet
258Kb / 9P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Foshan Blue Rocket Elec...
STBV32 FOSHAN-STBV32 Datasheet
778Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
logo
STMicroelectronics
STBV32 STMICROELECTRONICS-STBV32 Datasheet
217Kb / 11P
   High voltage fast-switching NPN power transistor
Rev 8 July 2008
STBV32-AP STMICROELECTRONICS-STBV32-AP Datasheet
258Kb / 9P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

同様の説明 - STBV32B

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com