データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STC128 データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 STC128
部品情報  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

STC128 データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  STC128 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd STC128 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd STC128 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO – 92
1.EMITTER
2.COLLECTOR
3.BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
STC128 TRANSISTOR (NPN)
FEATURES
Low Saturation Medium Current Application
Extremely Low Collector Saturation Voltage
Suitable for Low Voltage Large Current Drivers
High DC Current Gain and Large Current Capability
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
6.5
V
IC
Collector Current
1
A
PC
Collector Power Dissipation
625
mW
RΘJA
Thermal Resistance From Junction To Ambient
200
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50μA, IE=0
20
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
15
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA, IC=0
6.5
V
Collector cut-off current
ICBO
VCB=20V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=6V, IC=0
0.1
μA
DC current gain
hFE
VCE=1V, IC=100mA
150
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
0.3
V
Transition frequency
fT
VCE=5V,IC=50mA
260
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
5
pF
www.cj-elec.com
1
C,Dec,2015


同様の部品番号 - STC128

メーカー部品番号データシート部品情報
logo
AUK corp
STC128 AUK-STC128 Datasheet
64Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC128 KODENSHI-STC128 Datasheet
180Kb / 4P
   NPN Silicon Transistor
STC128 KODENSHI-STC128 Datasheet
180Kb / 4P
   NPN Silicon Transistor
logo
Nanjing International G...
STC128 DGNJDZ-STC128 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
STC128-TA DGNJDZ-STC128-TA Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

同様の説明 - STC128

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com