データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DTA143TE データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 DTA143TE
部品情報  Elektronische Bauelemente PNP Digital Transistors (Built-in Resistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTA143TE データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DTA143TE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTA143TE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTA143TE / DTA143TUA/ DTA143TCA /
DTA143TSA
PNP Digital Transistors (Built-in Resistors)
Elektronische Bauelemente
11-Aug-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see equivalent circuit).
The bias resistors consist of thin-film resistors
with complete isolation to allow positive biasing
of the input. They also have the advantage of
almost completely eliminating parasitic effects.
Only the on/off conditions need to be set for
operation, making device design easy.
EQUIVALENT CIRCUIT
ABSOLUTE MAXIMUM RATINGS at (TA = 25°C unless otherwise noted)
Parameter
Symbol
Limits (DTA143T
□)
Unit
E
UA
CA
SA
Collector-Base Voltage
V(BR)CBO
-50
V
Collector-Emitter Voltage
V(BR)CEO
-50
V
Emitter-Base Voltage
V(BR)EBO
-5
mA
Collector Current
IC
-100
Collector Dissipation
PC
150
200
300
mW
Junction & Storage temperature
TJ, TSTG
150, -55~150
ELECTRICAL CHARACTERISTICS at (TA = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-50
-
-
V
IC= -50A
Collector-emitter
breakdown voltage
V(BR)CEO
-50
-
-
IC= -1mA
Emitter-base breakdown voltage
V(BR)EBO
-5
-
-
V
IE= -50A
Collector cut-off current
ICBO
-
-
-0.5
A
VCB= -50V
Emitter cut-off current
IEBO
-
-
-0.5
A
VEB= -4V
Collector-emitter
saturation voltage
VCE(sat)
-
-
-0.3
V
IC= -5mA, IB= -0.25mA
DC current transfer ratio
hFE
100
-
600
VCE= -5V, IC= -1mA
Input resistance
R1
3.29
4.7
6.11
KΩ
Transition frequency
fT
-
250
-
MHz
VCE= -10V, IE= -5mA,
f= 100MHz
DTA143TE (SOT-523)
Addreviated symbol:93
DTA143TUA (SOT-323)
Addreviated symbol:93
DTA143TSA (TO-92S)
DTA143TCA (SOT-23)
Addreviated symbol:93


同様の部品番号 - DTA143TE

メーカー部品番号データシート部品情報
logo
Rohm
DTA143TE ROHM-DTA143TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
logo
Galaxy Semi-Conductor H...
DTA143TE BILIN-DTA143TE Datasheet
98Kb / 3P
   Digital Transistor
logo
Jiangsu Changjiang Elec...
DTA143TE JIANGSU-DTA143TE Datasheet
122Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA143TE ROHM-DTA143TE Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
20180419 - Rev.002
logo
Weitron Technology
DTA143TE WEITRON-DTA143TE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results

同様の説明 - DTA143TE

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
DTC144TE SECOS-DTC144TE Datasheet
77Kb / 2P
   NPN Digital Transistors (Elektronische Bauelemente Built-in Resistors)
logo
Cystech Electonics Corp...
DTA115EN3 CYSTEKEC-DTA115EN3 Datasheet
155Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143ZM SECOS-DTA143ZM Datasheet
469Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
DTA114YE SECOS-DTA114YE Datasheet
190Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA123JC3 CYSTEKEC-DTA123JC3 Datasheet
329Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA114ES3 CYSTEKEC-DTA114ES3_16 Datasheet
279Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143EE SECOS-DTA143EE Datasheet
970Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA114YN3 CYSTEKEC-DTA114YN3_11 Datasheet
256Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA144WN3S CYSTEKEC-DTA144WN3S_09 Datasheet
163Kb / 5P
   PNP Digital Transistors (Built-in Resistors)
DTA124ES3 CYSTEKEC-DTA124ES3 Datasheet
141Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com