データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RGCL80TS60D データシート(PDF) 1 Page - Rohm

部品番号 RGCL80TS60D
部品情報  600V 40A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

RGCL80TS60D データシート(HTML) 1 Page - Rohm

  RGCL80TS60D Datasheet HTML 1Page - Rohm RGCL80TS60D Datasheet HTML 2Page - Rohm RGCL80TS60D Datasheet HTML 3Page - Rohm RGCL80TS60D Datasheet HTML 4Page - Rohm RGCL80TS60D Datasheet HTML 5Page - Rohm RGCL80TS60D Datasheet HTML 6Page - Rohm RGCL80TS60D Datasheet HTML 7Page - Rohm RGCL80TS60D Datasheet HTML 8Page - Rohm RGCL80TS60D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
RGCL80TS60D
650V 30A Field Stop Trench IGBT
600V 40A Field Stop Trench IGBT
*1 Pulse width limited by Tjmax.
Pulsed Collector Current
ICP
*1
160
A
Diode Forward Current
TC = 25°C
IF
35
A
TC = 100°C
IF
20
A
Operating Junction Temperature
Tj
-40 to +175
°C
Storage Temperature
Tstg
-55 to +175
°C
Power Dissipation
TC = 25°C
PD
148
W
TC = 100°C
PD
74
W
100
A
Diode Pulsed Forward Current
IFP
*1
lOutline
VCES
600V
TO-247N
IC(100°C)
40A
VCE(sat) (Typ.)
1.4V
PD
148W
lFeatures
lInner Circuit
1) Low Collector - Emitter Saturation Voltage
2) Soft Switching
3) Built in Very Fast & Soft Recovery FRD
(RFN - Series)
4) Pb - free Lead Plating ; RoHS Compliant
lPackaging Specifications
Type
Packaging
Tube
lApplications
Reel Size (mm)
-
Partial Switching PFC
Tape Width (mm)
-
Discharge Circuit
Basic Ordering Unit (pcs)
450
Brake for Inverter
Taping Code
C11
Marking
RGCL80TS60D
lAbsolute Maximum Ratings (at T
C = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Collector - Emitter Voltage
VCES
600
V
Gate - Emitter Voltage
VGES
30
V
Collector Current
TC = 25°C
IC
65
A
TC = 100°C
IC
40
A
(1)(2)(3)
(1) Gate
(2) Collector
(3) Emitter
*1
*1 Built in FRD
(1)
(2)
(3)
1/11
2015.09 - Rev.A


同様の部品番号 - RGCL80TS60D

メーカー部品番号データシート部品情報
logo
Rohm
RGCL80TS60 ROHM-RGCL80TS60 Datasheet
755Kb / 11P
   600V 40A Field Stop Trench IGBT
More results

同様の説明 - RGCL80TS60D

メーカー部品番号データシート部品情報
logo
Rohm
RGCL80TK60D ROHM-RGCL80TK60D Datasheet
909Kb / 13P
   600V 40A Field Stop Trench IGBT
RGCL80TS60 ROHM-RGCL80TS60 Datasheet
755Kb / 11P
   600V 40A Field Stop Trench IGBT
RGCL80TK60 ROHM-RGCL80TK60 Datasheet
763Kb / 11P
   600V 40A Field Stop Trench IGBT
logo
Fairchild Semiconductor
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH40N60UF FAIRCHILD-FGH40N60UF Datasheet
710Kb / 8P
   600V, 40A Field Stop IGBT
FGH40N60SMDF FAIRCHILD-FGH40N60SMDF Datasheet
357Kb / 10P
   600V, 40A Field Stop IGBT
FGH40N60SFD FAIRCHILD-FGH40N60SFD Datasheet
806Kb / 9P
   600V, 40A Field Stop IGBT
FGH40N60UFD FAIRCHILD-FGH40N60UFD Datasheet
793Kb / 9P
   600V, 40A Field Stop IGBT
FGB40N60SM FAIRCHILD-FGB40N60SM Datasheet
850Kb / 9P
   600V, 40A Field Stop IGBT
FGI40N60SF FAIRCHILD-FGI40N60SF Datasheet
728Kb / 8P
   600V, 40A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com