データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RGS80TS65D データシート(PDF) 1 Page - Rohm

部品番号 RGS80TS65D
部品情報  650V 40A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

RGS80TS65D データシート(HTML) 1 Page - Rohm

  RGS80TS65D Datasheet HTML 1Page - Rohm RGS80TS65D Datasheet HTML 2Page - Rohm RGS80TS65D Datasheet HTML 3Page - Rohm RGS80TS65D Datasheet HTML 4Page - Rohm RGS80TS65D Datasheet HTML 5Page - Rohm RGS80TS65D Datasheet HTML 6Page - Rohm RGS80TS65D Datasheet HTML 7Page - Rohm RGS80TS65D Datasheet HTML 8Page - Rohm RGS80TS65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
RGS80TS65D
650V 40A Field Stop Trench IGBT
*1 Pulse width limited by Tjmax.
Operating Junction Temperature
Tj
-40 to +175
°C
Storage Temperature
Tstg
-55 to +175
°C
Diode Pulsed Forward Current
IFP
*1
120
A
Power Dissipation
TC = 25°C
PD
272
W
TC = 100°C
PD
136
W
Pulsed Collector Current
ICP
*1
120
A
Diode Forward Current
TC = 25°C
IF
56
A
TC = 100°C
IF
30
A
Collector Current
TC = 25°C
IC
73
A
TC = 100°C
IC
40
A
Collector - Emitter Voltage
VCES
650
V
Gate - Emitter Voltage
VGES
30
V
lAbsolute Maximum Ratings (at T
C = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Packing Code
C11
Marking
RGS80TS65D
lPackaging Specifications
Type
Packaging
Tube
lApplications
Reel Size (mm)
-
General Inverter
Tape Width (mm)
-
for Automotive and Industrial Use
Basic Ordering Unit (pcs)
450
1) Low Collector - Emitter Saturation Voltage
2) Short Circuit Withstand Time 8μs
3) Qualified to AEC-Q101
4) Built in Very Fast & Soft Recovery FRD
5) Pb - free Lead Plating ; RoHS Compliant
lFeatures
lInner Circuit
lOutline
VCES
650V
TO-247N
IC(100°C)
40A
VCE(sat) (Typ.)
1.65V
PD
272W
(1) Gate
(2) Collector
(3) Emitter
*1
*1 Built in FRD
(1)
(2)
(3)
(1)(2)(3)
1/11
2016.07 - Rev.A


同様の部品番号 - RGS80TS65D

メーカー部品番号データシート部品情報
logo
Rohm
RGS80TS65HR ROHM-RGS80TS65HR Datasheet
405Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.02 - Rev.A
More results

同様の説明 - RGS80TS65D

メーカー部品番号データシート部品情報
logo
Rohm
RGS80TS65HR ROHM-RGS80TS65HR Datasheet
405Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.02 - Rev.A
RGW80TK65E ROHM-RGW80TK65E Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2018.03 - Rev.A
RGTV80TS65 ROHM-RGTV80TS65 Datasheet
974Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGTH80TS65D ROHM-RGTH80TS65D Datasheet
1Mb / 13P
   650V 40A Field Stop Trench IGBT
RGTH80TK65 ROHM-RGTH80TK65 Datasheet
811Kb / 11P
   650V 40A Field Stop Trench IGBT
RGTH80TS65 ROHM-RGTH80TS65 Datasheet
1,007Kb / 11P
   650V 40A Field Stop Trench IGBT
RGTV80TS65D ROHM-RGTV80TS65D Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGW80TK65 ROHM-RGW80TK65 Datasheet
1Mb / 10P
   650V 40A Field Stop Trench IGBT
2017.10 - Rev.A
RGTH80TK65D ROHM-RGTH80TK65D Datasheet
889Kb / 13P
   650V 40A Field Stop Trench IGBT
RGT80TS65D ROHM-RGT80TS65D Datasheet
733Kb / 12P
   650V 40A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com