データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RT5508 データシート(PDF) 51 Page - Richtek Technology Corporation

部品番号 RT5508
部品情報  Speaker Amplifier with Speaker Protection
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 データシート(HTML) 51 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 47Page - Richtek Technology Corporation RT5508 Datasheet HTML 48Page - Richtek Technology Corporation RT5508 Datasheet HTML 49Page - Richtek Technology Corporation RT5508 Datasheet HTML 50Page - Richtek Technology Corporation RT5508 Datasheet HTML 51Page - Richtek Technology Corporation RT5508 Datasheet HTML 52Page - Richtek Technology Corporation RT5508 Datasheet HTML 53Page - Richtek Technology Corporation RT5508 Datasheet HTML 54Page - Richtek Technology Corporation RT5508 Datasheet HTML 55Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
51
ADDR
Byte
Bits
R/W
Name
Description
Default
0xD1
16
127:122
-
Reserved
-
121:96
R/W
DRC_AE
DRC_AE[25:0]
26'h0800000
95:90
-
Reserved
-
89:64
R/W
DRC_1_AE
DRC_1_AE[25:0]
26'h0000000
63:58
-
Reserved
-
57:32
R/W
DRC_AA
DRC_AA[25:0]
26'h0800000
31:26
-
Reserved
-
25:0
R/W
DRC_AD
DRC_AD[25:0]
26'h0800000
0xD2
7
55
R/W
DRC_RMS
0 : RMS
1 : Peak
0
54:52
R/W
DRC_KNEE[2:0]
3'b000
51:50
-
Reserved
-
49:40
R/W
DRC_TH0[9:0]
1. 0 to
127dB, 0.125dB per step
2. 10'h000 is 0dB
3. Value definiton is 7.3
10'h000
39:34
-
Reserved
-
33:24
R/W
DRC_TH1[9:0]
1. 0 to
127dB, 0.125dB per step
2. 10'h000 is 0dB
10'h000
23:16
R/W
DRC_OFF[7:0]
1. +24dB to
24dB
2. 0.25dB per step
3. Value definiton is 6.2, MSB is sign
bit.
8'h00
15:13
-
Reserved
-
12:8
R/W
DRC_R0[4:0]
1. 0 to 1
2. 5'h10 is 1
5'h10
7
-
Reserved
-
6:0
R/W
DRC_R1[6:0]
1. 1 to 8
2. 7'h10 is 1
7'h10
0xD3
20
159:128
R/W
bq_1_b0
u[31:26], b0[25:0]
32'h00800000
127:96
R/W
bq_1_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
bq_1_b2
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
bq_1_a1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
bq_1_a2
u[31:26], a2[25:0]
32'h00000000
0xD4
20
159:128
R/W
bq_2_b0
u[31:26], b0[25:0]
32'h00800000
127:96
R/W
bq_2_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
bq_2_b2
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
bq_2_a1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
bq_2_a2
u[31:26], a2[25:0]
32'h00000000
0xD5
20
159:128
R/W
bq_3_b0
u[31:26], b0[25:0]
32'h00800000
127:96
R/W
bq_3_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
bq_3_b2
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
bq_3_a1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
bq_3_a2
u[31:26], a2[25:0]
32'h00000000


同様の部品番号 - RT5508

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT5509 RICHTEK-RT5509 Datasheet
2Mb / 58P
   Speaker Amplifier with Speaker Protection
RT5509WSC RICHTEK-RT5509WSC Datasheet
2Mb / 58P
   Speaker Amplifier with Speaker Protection
logo
RFHIC
RT550PD RFHIC-RT550PD Datasheet
153Kb / 2P
   Power Transistor
RT550PD RFHIC-RT550PD Datasheet
185Kb / 3P
   Power Transistor
RT550PD RFHIC-RT550PD_14 Datasheet
185Kb / 3P
   Power Transistor
More results

同様の説明 - RT5508

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT5509 RICHTEK-RT5509 Datasheet
2Mb / 58P
   Speaker Amplifier with Speaker Protection
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
KODENSHI_AUK CORP.
KK5009 KODENSHI-KK5009 Datasheet
207Kb / 3P
   Speaker Amplifier
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
logo
OKI electronic componet...
MSA180 OKI-MSA180 Datasheet
147Kb / 17P
   Piezo Speaker Amplifier
MSC1157 OKI-MSC1157 Datasheet
143Kb / 14P
   Speaker Drive Amplifier
logo
Toshiba Semiconductor
TA7317P TOSHIBA-TA7317P Datasheet
176Kb / 3P
   PROTECTION CIRCUIT FOR OCL POWER AMPLIFIER AND SPEAKER
logo
ON Semiconductor
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
   Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
   DIRECT DRIVE SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com