データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RT9107B データシート(PDF) 8 Page - Richtek Technology Corporation

部品番号 RT9107B
部品情報  Dual-Channel Digital Audio System
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9107B データシート(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9107B Datasheet HTML 4Page - Richtek Technology Corporation RT9107B Datasheet HTML 5Page - Richtek Technology Corporation RT9107B Datasheet HTML 6Page - Richtek Technology Corporation RT9107B Datasheet HTML 7Page - Richtek Technology Corporation RT9107B Datasheet HTML 8Page - Richtek Technology Corporation RT9107B Datasheet HTML 9Page - Richtek Technology Corporation RT9107B Datasheet HTML 10Page - Richtek Technology Corporation RT9107B Datasheet HTML 11Page - Richtek Technology Corporation RT9107B Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
RT9107B
8
DS9107B-00 November 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Repeated Start Condition
Setup Time
tSU, STA
0.6
--
--
s
Stop Condition Time
tSU, STD
0.6
--
--
s
Data Hold Time
tHD, DAT (OUT)
225
--
--
ns
Input Data Hold Time
tHD, DAT (IN)
0
--
900
ns
Data Setup Time
tSU, DAT
100
--
--
ns
Clock Low Period
tLOW
1.3
--
--
s
Clock High Period
tHIGH
0.6
--
--
s
Clock Data Fall Time
tF
20
--
300
ns
Clock Data Rise Time
tR
20
--
300
ns
Spike Suppression Time
tSP
--
--
50
ns
Slave mode I2S Interface Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level Input Voltage
VIH
2
--
--
V
Low-level Input Voltage
VIL
--
--
0.8
V
Frequency
fSCLKIN
1.024
--
12.288
MHz
Setup Time, LRCK to SCLK
Rising Edge
tsu1
10
--
--
ns
Hold Time, LRCK from SCLK
Rising Edge
th1
10
--
--
ns
Setup Time, SDIN to SCLK
Rising Edge
tsu2
10
--
--
ns
Hold Time, SDIN from SCLK
Rising Edge
th2
10
--
--
ns
Rise/Fall Time for SCLK/LRCLK tr
--
--
8
ns
Rise/Fall Time for SCLK/LRCLK tf
--
--
8
ns
LRCK
SDIN
/SDO
SCLK
tr
tf
th2
tsu2
tsu1
th1
Figure 1. Timing Diagram of Slave Mode I2S Interface


同様の部品番号 - RT9107B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RT9101 ETC1-RT9101 Datasheet
110Kb / 3P
   Rotational Transducer
logo
Richtek Technology Corp...
RT9101 RICHTEK-RT9101_11 Datasheet
442Kb / 12P
   2.65W PWM Class-D Power Amplifier
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
   15W Stereo Class-D Audio Power Amplifier
RT9108NB RICHTEK-RT9108NB Datasheet
1Mb / 15P
   15W Stereo Class-D Audio Power Amplifier
April 2013
More results

同様の説明 - RT9107B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STA333W STMICROELECTRONICS-STA333W Datasheet
660Kb / 42P
   2-channel high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
   2.1-channel high-efficiency digital audio system
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
   2.1-channel high-efficiency digital audio system
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
STA335W STMICROELECTRONICS-STA335W Datasheet
1Mb / 43P
   2.0-channel high-efficiency digital audio system
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
   2.1-channel high-efficiency digital audio system
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
   2.1-channel high-efficiency digital audio system
logo
Cirrus Logic
CS4225 CIRRUS-CS4225 Datasheet
385Kb / 30P
   Digital Audio Conversion System
logo
STMicroelectronics
STA321 STMICROELECTRONICS-STA321 Datasheet
2Mb / 157P
   4-channel digital audio system with FFX??driver
STA333W STMICROELECTRONICS-STA333W_10 Datasheet
1Mb / 49P
   2-channel high-efficiency digital audio system Sound Terminal?
January 2010 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com