データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RT9116 データシート(PDF) 7 Page - Richtek Technology Corporation

部品番号 RT9116
部品情報  10W Stereo Class-D Speaker Driver Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9116 データシート(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9116 Datasheet HTML 3Page - Richtek Technology Corporation RT9116 Datasheet HTML 4Page - Richtek Technology Corporation RT9116 Datasheet HTML 5Page - Richtek Technology Corporation RT9116 Datasheet HTML 6Page - Richtek Technology Corporation RT9116 Datasheet HTML 7Page - Richtek Technology Corporation RT9116 Datasheet HTML 8Page - Richtek Technology Corporation RT9116 Datasheet HTML 9Page - Richtek Technology Corporation RT9116 Datasheet HTML 10Page - Richtek Technology Corporation RT9116 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RT9116
7
DS9116-00
November 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Output Power vs. Supply Voltage
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20
Supply Voltage (V)
Efficiency vs. Output Power
0
10
20
30
40
50
60
70
80
90
100
012
34567
89
10
Output Power (W)
Typical Operating Characteristics
PVCC = 12V, f = 1kHz, Gain = 26dB
RL = 8
Ω
RL= 6
Ω
RL = 4
Ω
Output Power (W)
THD+N vs. Output Power
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
PVCC = 12V, RL = 8
Ω, Gain = 26dB
10m 20m 50m 100m 200m 500m 1
2
5
10
20
Frequency (Hz)
THD+N vs. Frequency
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.006
PVCC = 12V, RL = 8
Ω, Gain = 26dB
20
50 100 200
500 1k
2k
5k
10k 20k
1kHz
20Hz
10kHz
0.5W
2.5W
5W
Frequency (Hz)
Crosstalk vs. Frequency
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
PVCC = 12V, RL = 8
Ω, Gain = 26dB, Po = 1W
20
50 100 200
500
1k
2k
5k
10k 20k
R to L
L to R
Frequency (Hz)
Frequency Results
40
38
36
34
32
30
28
26
24
22
20
18
16
14
12
10
PVCC = 12V, RL = 8
Ω, Gain = 26dB, Po = 1W
20
50 100 200
500
1k
2k
5k
10k 20k
THD+N = 10%
THD+N = 1%
RL = 8
Ω, Gain = 26dB, Stereo Out


同様の部品番号 - RT9116

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
RT9118GQW RICHTEK-RT9118GQW Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
More results

同様の説明 - RT9116

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
448Kb / 17P
   10W10W Class-D Speaker Amplifier for Analog Input
BD5426MUV ROHM-BD5426MUV Datasheet
342Kb / 16P
   10W10W Class-D Speaker Amplifier for Analog Input
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
   10W Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
   10W Stereo Class-D Audio Power Amplifier
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5421EFS ROHM-BD5421EFS Datasheet
349Kb / 6P
   Stereo Class-D Power Amplifier for Speaker
BD5471MUV ROHM-BD5471MUV_13 Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com