データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMSZ52XXB データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 MMSZ52XXB
部品情報  500mW, SOD-123 Series Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMSZ52XXB データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMSZ52XXB Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMSZ52XXB Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMSZ52XXB Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
MMSZ52xxB Series
500mW, SOD-123 Series
Surface Mount Zener Diodes
08-Sep-2016 Rev. H
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Planar die construction
500Mw power dissipation
General purpose and medium current
Ideally suited for automated assembly processes
APPLICATIONS
Zener diode
Ultra small surface mount package
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Forward Voltage@ IF=10mA
VF
0.9
V
Power Dissipation
PD
500
mW
Thermal Resistance from Junction to Ambient Air
RθJA
350
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -65~150
°C
Notes:
1.
The device is mounted on a ceramic PCB: 7.6mm x 9.4mm x 0.87mm with 25 mm
2 pad areas.
2.
Tested with pulses: Tp≦1ms.
SOD-123
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.94
1.35
F
1.40
1.80
B
0.10 REF.
G
2.54
2.85
C
1.00
1.30
H
3.55
3.86
D
0.30
0.78
J
0.50 REF.
E
0.08
0.25


同様の部品番号 - MMSZ52XXB

メーカー部品番号データシート部品情報
logo
UN Semiconducctor INC
MMSZ52XXB UNSEMI-MMSZ52XXB Datasheet
2Mb / 6P
   SOD-123 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
Taiwan Semiconductor Co...
MMSZ52xxBRH TSC-MMSZ52xxBRH Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ52xxBRHG TSC-MMSZ52xxBRHG Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
logo
SeCoS Halbleitertechnol...
MMSZ52XXBS SECOS-MMSZ52XXBS Datasheet
81Kb / 4P
   200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
UN Semiconducctor INC
MMSZ52XXBS UNSEMI-MMSZ52XXBS Datasheet
2Mb / 7P
   SOD-323 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
More results

同様の説明 - MMSZ52XXB

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
   Zener Diode 500mW SOD-123 Surface Mount
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
Guangdong Juxing Electr...
MMSZ2V0BW JUXING-MMSZ2V0BW Datasheet
517Kb / 3P
   500mW SOD-123 SURFACE MOUNT
logo
Yea Shin Technology Co....
MMSZ5221B YEASHIN-MMSZ5221B Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
BZT52B SECOS-BZT52B Datasheet
299Kb / 3P
   350mW, SOD-123 Series Surface Mount Zener Diodes
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
logo
Tak Cheong Electronics ...
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com