データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ANT2525B00ET1575S データシート(PDF) 2 Page - YAGEO Corporation

部品番号 ANT2525B00ET1575S
部品情報  Ceramic Patch Antenna
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YAGEO [YAGEO Corporation]
ホームページ  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT2525B00ET1575S データシート(HTML) 2 Page - YAGEO Corporation

  ANT2525B00ET1575S Datasheet HTML 1Page - YAGEO Corporation ANT2525B00ET1575S Datasheet HTML 2Page - YAGEO Corporation ANT2525B00ET1575S Datasheet HTML 3Page - YAGEO Corporation ANT2525B00ET1575S Datasheet HTML 4Page - YAGEO Corporation ANT2525B00ET1575S Datasheet HTML 5Page - YAGEO Corporation ANT2525B00ET1575S Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.yageo.com
Mar. 26, 2015 V.0
WIRELESS COMPONENTS
2
6
Product specification
Ceramic Patch Antenna
ORDERING INFORMATION
All part numbers are identified by the series, packing type, material, size,
antenna type, working frequency and packing quantity.
PART NUMBER
ANT 2525 B 00E T 1575S
(1)
(2)
(3) (4)
(5)
(6)
(1) PRODUCT
ANT = Antenna
(2) SIZE
2525=25x25 mm
(3) ANTENNA TYPE
B = Bulk Antenna
(4) SERIAL NO.
00E
(5) PACKING STYLE
T = Tray
(6) WORKING FREQUENCY
1575= 1.575 GHz
PHYCOMP CTC
CAN43934250E1581B
12NC
43934250E158
FEATURES
High radiation efficiency
Pin-solder process
RoHS compliant
APPLICATIONS
Navigation device
Telematics box
Fleet management


同様の部品番号 - ANT2525B00ET1575S

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
ANT2525B00AT1575S YAGEO-ANT2525B00AT1575S Datasheet
666Kb / 6P
   WIRELESS COMPONENTS
ANT2525B00BT1516S YAGEO-ANT2525B00BT1516S Datasheet
529Kb / 6P
   Ceramic Patch Antenna
ANT2525B00BT1575S YAGEO-ANT2525B00BT1575S Datasheet
631Kb / 6P
   Ceramic Patch Antenna
ANT2525B00CT1575S YAGEO-ANT2525B00CT1575S Datasheet
533Kb / 7P
   WIRELESS COMPONENTS
ANT2525B00DT1516S YAGEO-ANT2525B00DT1516S Datasheet
556Kb / 6P
   Ceramic Patch Antenna
More results

同様の説明 - ANT2525B00ET1575S

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
ANT2525B00FT1575S YAGEO-ANT2525B00FT1575S Datasheet
557Kb / 6P
   Ceramic Patch Antenna
ANT1818B00DT1516S YAGEO-ANT1818B00DT1516S Datasheet
524Kb / 6P
   Ceramic Patch Antenna
ANT2525B00FTGNSSS YAGEO-ANT2525B00FTGNSSS Datasheet
618Kb / 6P
   Ceramic Patch Antenna
logo
Vanlong Technology Co.,...
PA1580S25XA VANLONG-PA1580S25XA Datasheet
47Kb / 1P
   Ceramic Patch Antenna
logo
YAGEO Corporation
ANT1818B00AT1575S YAGEO-ANT1818B00AT1575S Datasheet
530Kb / 5P
   Ceramic Patch Antenna
ANT1818B00BT1516S YAGEO-ANT1818B00BT1516S Datasheet
640Kb / 6P
   Ceramic Patch Antenna
ANT2525B00BT1516S YAGEO-ANT2525B00BT1516S Datasheet
529Kb / 6P
   Ceramic Patch Antenna
ANT1515B00FT1575S YAGEO-ANT1515B00FT1575S Datasheet
504Kb / 6P
   Ceramic Patch Antenna
ANT2525B00BT1575S YAGEO-ANT2525B00BT1575S Datasheet
631Kb / 6P
   Ceramic Patch Antenna
ANT2525B00DT1516S YAGEO-ANT2525B00DT1516S Datasheet
556Kb / 6P
   Ceramic Patch Antenna
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com