データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R-50C-011-3 データシート(PDF) 6 Page - Keysight Technologies

部品番号 R-50C-011-3
部品情報  P-Series Power Meters and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

R-50C-011-3 データシート(HTML) 6 Page - Keysight Technologies

Back Button R-50C-011-3 Datasheet HTML 2Page - Keysight Technologies R-50C-011-3 Datasheet HTML 3Page - Keysight Technologies R-50C-011-3 Datasheet HTML 4Page - Keysight Technologies R-50C-011-3 Datasheet HTML 5Page - Keysight Technologies R-50C-011-3 Datasheet HTML 6Page - Keysight Technologies R-50C-011-3 Datasheet HTML 7Page - Keysight Technologies R-50C-011-3 Datasheet HTML 8Page - Keysight Technologies R-50C-011-3 Datasheet HTML 9Page - Keysight Technologies R-50C-011-3 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
06 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet
1 mW Power Reference
Note: The 1 mW power reference is provided for calibration of E-Series, 8480 Series and N8480 Series sensors.
The P-Series sensors are automatically calibrated and therefore do not need this reference for calibration
Power output
1.00 mW (0.0 dBm). Factory set to ± 0.4 % traceable to the National Physical Laboratory
Accuracy (over 2 years)
±1.2 % (0 to 55 ºC)
±0.4 % (25 ± 10 ºC)
Frequency
50 MHz nominal
SWR
1.08 (0 to 55 ºC)
1.05 typical
Connector type
Type N (f), 50 Ω
Rear-panel inputs/outputs
Recorder output
Analog 0-1 Volt, 1 kΩ output impedance, BNC connector. For dual-channel instruments there will be two
recorder outputs
GPIB, 10/100BaseT LAN and USB2.0
Interfaces allow communication with an external controller
Ground
Binding post, accepts 4 mm plug or bare-wire connection
Trigger input
Input has TTL compatible logic levels and uses a BNC connector
Trigger output
Output provides TTL compatible logic levels and uses a BNC connector
Line power
Input voltage range
Input frequency range
Power requirement
90 to 264 Vac, automatic selection
47 to 63 Hz and 440 Hz
N1911A not exceeding 50 VA (30 Watts)
N1912A not exceeding 75 VA (50 Watts)
Remote programming
Interface
GPIB interface operates to IEEE 488.2 and IEC65
10/100BaseT LAN interface
USB 2.0 interface
Command language
SCPI standard interface commands
GPIB compatibility
SH1, AH1, T6, TE0, L4, LE0, SR1, RL1, PP1, DC1, DT1, C0
Measurement speed
Measurement speed via remote
interface
≥ 1500 readings per second
Regulatory information
Electromagnetic compatibility
Complies with the following requirements:
IEC 61326-1:2005/EN 61326-1:2006
CISPR11:2003/, EN 55011:1998+A1:1999+A2:2002 Group 1 Class A
Canada: ICES/NMB-001:Issue 4, June 2006
Australia/New Zealand: AS/NZS CISPR 11:2004
Product safety
Conforms to the following product specifications:
IEC 61010-1:2010/EN 61010-1:2010 (3rd Edition)
Canada: CAN/CSA-C22.2 No. 61010-1-12
USA: ANSI/UL 61010-1:2012


同様の部品番号 - R-50C-011-3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
R-50C-SC ETC2-R-50C-SC Datasheet
152Kb / 1P
   ICT 50C PROBE AND RECEPTACLE
More results

同様の説明 - R-50C-011-3

メーカー部品番号データシート部品情報
logo
Keysight Technologies
N1911A-P KEYSIGHT-N1911A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
logo
List of Unclassifed Man...
E9301A ETC2-E9301A Datasheet
619Kb / 12P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
logo
List of Unclassifed Man...
PI3L720 ETC2-PI3L720 Datasheet
308Kb / 13P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com