データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34920 データシート(PDF) 10 Page - Motorola, Inc

部品番号 MC34920
部品情報  2.8 OHM (Typ) Quad H-Bridge Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34920 データシート(HTML) 10 Page - Motorola, Inc

Back Button MC34920 Datasheet HTML 6Page - Motorola, Inc MC34920 Datasheet HTML 7Page - Motorola, Inc MC34920 Datasheet HTML 8Page - Motorola, Inc MC34920 Datasheet HTML 9Page - Motorola, Inc MC34920 Datasheet HTML 10Page - Motorola, Inc MC34920 Datasheet HTML 11Page - Motorola, Inc MC34920 Datasheet HTML 12Page - Motorola, Inc MC34920 Datasheet HTML 13Page - Motorola, Inc MC34920 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
34920
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 21 V VVB+ 42 V, TA = 10°C to 55°C, TJ max = 135°C, VCC = 5.25 V max unless otherwise
noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under typical conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SERIAL INPUT PORT TIMING
Serial Clock Frequency
fCLK
4.0
12
MHz
SCLK High Width
tCLH
41.667
125
ns
SCLK Low Width
tCLL
41.667
125
ns
Delay CS Falling to First SCLK Rising
tCS-SCLK
83.333
250
ns
Delay Last SCLK Rising Edge to CS Rising
tSCLK-CS
83.333
250
ns
Data Valid to SCLK Set-Up Time
tDSU
41.667
125
ns
Data Hold Time
tDHD
41.667
125
ns
SDI Rise Time
tRD
5.0
10
ns
SDI Fall Time
tFD
5.0
10
ns
SCLK Rise/Fall Time
tRFC
5.0
10
ns
CS Off-Time (tDHD + tDSU)
tNCS-OFF
83.333
250
ns
V1 AND V2 VOLTAGE REGULATORS
Clock Frequency Overtemperature
fOP
175
200
225
kHz
V1 Duty Cycle
V1_DC
35
37.5
40
%
V2 Duty Cycle
V2_DC
80
82.5
85
%
BIPOLAR CURRENT REGULATED STEP MOTOR DRIVE SYSTEM
Shoot-Through Delay
tDEAD
15
200
350
ns
Off-Time
tOFF
20
29
38
µs
Current Blanking Time
tBLANK
300
750
ns
DC MOTOR DRIVE SYSTEM
PWM Frequency
TA = 25°C
fPWM
20
21
kHz
Shoot-Through Delay
tDEAD
15
180
350
ns
Overcurrent Off-Time
tOC_OFF
10
40
70
µs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC34920

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC34920EI FREESCALE-MC34920EI Datasheet
789Kb / 29P
   2.8 ohm (Typ) Quad H-Bridge Motor Driver
MC34920EIR2 FREESCALE-MC34920EIR2 Datasheet
789Kb / 29P
   2.8 ohm (Typ) Quad H-Bridge Motor Driver
MC34920FN FREESCALE-MC34920FN Datasheet
789Kb / 29P
   2.8 ohm (Typ) Quad H-Bridge Motor Driver
MC34920FNR2 FREESCALE-MC34920FNR2 Datasheet
789Kb / 29P
   2.8 ohm (Typ) Quad H-Bridge Motor Driver
More results

同様の説明 - MC34920

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
34920 FREESCALE-34920 Datasheet
789Kb / 29P
   2.8 ohm (Typ) Quad H-Bridge Motor Driver
logo
Princeton Technology Co...
PT2475 PTC-PT2475 Datasheet
86Kb / 4P
   1.2A Quad H-Bridge Motor Driver
logo
ON Semiconductor
LV8414CS ONSEMI-LV8414CS Datasheet
357Kb / 37P
   Quad H-Bridge Micro Step Motor Driver
March 2015 - Rev. 3
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
   H-Bridge Motor Driver/Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com