データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5242BR10-REEL7 データシート(PDF) 9 Page - Analog Devices

部品番号 AD5242BR10-REEL7
部品情報  I2C Compatible 256-Position Digital Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5242BR10-REEL7 データシート(HTML) 9 Page - Analog Devices

Back Button AD5242BR10-REEL7 Datasheet HTML 5Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 6Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 7Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 8Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 9Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 10Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 11Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 12Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. B
–9–
AD5241/AD5242
OPERATION
The AD5241/AD5242 provide a single-/dual-channel, 256-
position digitally controlled variable resistor (VR) device. The
terms VR, RDAC, and programmable resistor are commonly
used interchangeably to refer to digital potentiometer.
To program the VR settings, refer to the Digital Interface sec-
tion. Both parts have an internal power ON preset that places
the wiper in midscale during power-on, which simplifies the
fault condition recovery at power-up. In addition, the shutdown
SHDN Pin of AD5241/AD5242 places the RDAC in an almost
zero power consumption state where Terminal A is open circuited
and Wiper W is connected to Terminal B, resulting in only
leakage current being consumed in the VR structure. During
shutdown, the VR latch contents are maintained when the RDAC
is inactive. When the part is returned from shutdown, the stored
VR setting will be applied to the RDAC.
SWSHDN
SW
N
2–1
R
R
SW
N
2–2
RDAC
LATCH
AND
DECODER
R
RAB/2
N
B
W
DIGITAL CIRCUITRY
OMITTED FOR CLARITY
A
SW1
SW0
R
R
D7
D6
D5
D4
D3
D2
D1
D0
SHDN
Figure 4. Equivalent RDAC Circuit
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistance of the RDAC between Terminals A and
B is available in 10 k
Ω, 100 kΩ, and 1 MΩ. The final two or
three digits of the part number determine the nominal resistance
value, e.g., 10 k
Ω = 10; 100 kΩ = 100; 1 MΩ = 1 M. The
nominal resistance (RAB) of the VR has 256 contact points
accessed by the Wiper Terminal, plus the B Terminal con-
tact. The 8-bit data in the RDAC latch is decoded to select
one of the 256 possible settings. Assume a 10 k
Ω part is used;
the wiper’s first connection starts at the B Terminal for data
00H. Since there is a 60
Ω wiper contact resistance, such con-
nection yields a minimum of 60
Ω resistance between Terminals
W and B. The second connection is the first tap point that cor-
responds to 99
Ω (RWB = RAB/256 + RW = 39 + 60) for data
01H. The third connection is the next tap point representing
138
Ω (39 × 2 + 60) for data 02
H, and so on. Each LSB data
value increase moves the wiper up the resistor ladder until the
last tap point is reached at 10021
Ω [R
AB – 1 LSB + RW].
Figure 4 shows a simplified diagram of the equivalent RDAC
circuit where the last resistor string will not be accessed; there-
fore, there is 1 LSB less of the nominal resistance at full scale in
addition to the wiper resistance.
The general equation determining the digitally programmed
resistance between W and B is:
RD
D
RR
WB
AB
W
()
+
256
(1)
where:
D
is the decimal equivalent of the binary code between 0
and 255, which is loaded in the 8-bit RDAC register.
RAB is the nominal end-to-end resistance.
RW is the wiper resistance contributed by the on resistance
of the internal switch.
Again, if RAB = 10 k
Ω and the A Terminal can be either open
circuit or tied to W, the following output resistance at RWB will
be set for the following RDAC latch codes.
FREQUENCY – Hz
6
–36
–42
–48
–54
100k
10k
1k
100
–30
–24
–18
–12
–6
0
FFH
80H
40H
20H
10H
08H
04H
02H
01H
TPC 13. AD5242 100 k
Ω Gain vs. Frequency vs. Code
FREQUENCY – Hz
6
–36
–42
–48
–54
100k
10k
1k
100
–30
–24
–18
–12
–6
0
FFH
80H
40H
20H
10H
08H
04H
02H
01H
TPC 14. AD5242 1 M
Ω Gain vs. Frequency vs. Code


同様の部品番号 - AD5242BR10-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5242BR10-REEL7 AD-AD5242BR10-REEL7 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
More results

同様の説明 - AD5242BR10-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com