データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC26LS30DR2 データシート(PDF) 10 Page - ON Semiconductor

部品番号 MC26LS30DR2
部品情報  Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC26LS30DR2 データシート(HTML) 10 Page - ON Semiconductor

Back Button MC26LS30DR2 Datasheet HTML 6Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 7Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 8Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 9Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 10Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 11Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 12Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 13Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC26LS30
http://onsemi.com
10
transients induced onto the drivers’ outputs from the
external cable (from ESD, motor noise, nearby computers,
etc.).
Operating Temperature Range
The maximum ambient operating temperature, listed as
+85
°C, is actually a function of the system use (i.e.,
specifically how many drivers within a package are used)
and at what current levels they are operating. The maximum
power which may be dissipated within the package is
determined by:
PDmax +
TJmax * TA
R
qJA
where RθJA = package thermal resistance which is typically:
120
°C/W for the SOIC (D) package,
TJmax = max. allowable junction temperature (150°C)
TA = ambient air temperature near the IC package.
1) Differential Mode Power Dissipation
For the differential mode, the power dissipated within the
package is calculated from:
PD + [(VCC * VOD)
IO ] (each driver) ) (VCC
IB)
where: VCC = the supply voltage
VOD = is taken from Figure 6 for the known
value of IO
IB
= the internal bias current (Figure 7)
As indicated in the equation, the first term (in brackets) must
be calculated and summed for each of the two drivers, while
the last term is common to the entire package. Note that the
term (VCC –VOD) is constant for a given value of IO and does
not vary with VCC. For an application involving the
following conditions:
TA = +85°C, IO = –60 mA (each driver), VCC = 5.25 V, the
suitability of the package types is calculated as follows.
The power dissipated is:
PD + [3.0 V
60 mA
2]
) (5.25 V
18 mA)
PD + 454 mW
The junction temperature calculates to:
TJ + 85°C ) (0.454 W
120
°C W) + 139°C for the
SOIC package.
Since the maximum allowable junction temperature is not
exceeded in any of the above cases, either package can be
used in this application.
2) Single–Ended Mode Power Dissipation
For the single–ended mode, the power dissipated within
the package is calculated from:
PD + (IB
)
VCC) ) (IB
*
VEE) )
[(IO
(VCC * VOH)](each driver)
The above equation assumes IO has the same magnitude
for both output states, and makes use of the fact that the
absolute value of the graphs of Figures 10 and 11 are nearly
identical. IB+ and IB– are obtained from the right half of
Figures 12 and 13, and (VCC – VOH) can be obtained from
Figure 10. Note that the term (VCC – VOH) is constant for a
given value of IO and does not vary with VCC. For an
application involving the following conditions:
TA = +85°C, IO = –60 mA (each driver), VCC = 5.25 V,
VEE = –5.25 V, the suitability of the package types is
calculated as follows.
The power dissipated is:
PD + 490 mW
PD + (24 mA
5.25 V)
) (*3.0 mA
*5.25 V) )
[ 60 mA
1.45 V
4.0 ]
The junction temperature calculates to:
TJ + 85°C ) (0.490 W
120
°C W) + 144°C for the
SOIC package.
Since the maximum allowable junction temperature is not
exceeded in any of the above cases, either package can be
used in this application.


同様の部品番号 - MC26LS30DR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC26LS30DR2 ONSEMI-MC26LS30DR2 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30DR2G ONSEMI-MC26LS30DR2G Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
More results

同様の説明 - MC26LS30DR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
MM78C29 NSC-MM78C29 Datasheet
157Kb / 8P
   Quad Single-Ended, Dual Differential Line Driver
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Advanced Micro Devices
AM26LS29 AMD-AM26LS29 Datasheet
382Kb / 6P
   QUAD THREE-STATE SINGLE ENDED RS-423 LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com