データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T499A155K010ATE8K0 データシート(PDF) 1 Page - Kemet Corporation

部品番号 T499A155K010ATE8K0
部品情報  Tantalum, MnO2 Tantalum, High Temperature, T499, 1.5 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 8 Ohms, Height Max = 1.8mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

T499A155K010ATE8K0 データシート(HTML) 1 Page - Kemet Corporation

  T499A155K010ATE8K0 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 94e4a939-ee4e-4a23-b7c6-2447e21bb81b
KEMET Part Number: T499A155K010ATE8K0
Tantalum, MnO2 Tantalum, High Temperature, T499, 1.5 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AEC-
Q200, N/A, 8 Ohms, Height Max = 1.8mm
Dimensions
Footprint
3216
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
H
1.6mm +/-0.2mm
T
0.13mm REF
S
0.8mm +/-0.3mm
F
1.2mm +/-0.1mm
A
1.2mm MIN
B
0.4mm +/-0.15mm
E
1.3mm REF
G
1.1mm REF
P
0.4mm REF
R
0.4mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 58.6 mg
Packaging: T&R, 178mm
Packaging Quantity: 2000
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T499
Description: SMD, MnO2, Molded, Hi-Temp,
175C, Auto, AEC-Q200
Features: Automotive, 175C
RoHS: Yes
Termination: Tin
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 1.5 uF
Capacitance Tolerance: 10%
Voltage DC: 10 VDC (85C), 7.78 VDC (125C),
3.3 VDC (175C)
Temperature Range: -55/+175C
Dissipation Factor: 6% 120Hz 20C
Failure Rate: N/A
Resistance: 8000 mOhms (100kHz)
Current:
97 mAmps (100kHz 25C), 87.3
mAmps (85C), 19.4 mAmps
(175C)
Leakage Current: 0.5 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


同様の部品番号 - T499A155K010ATE8K0

メーカー部品番号データシート部品情報
logo
Kemet Corporation
T499A155K016ATE8K0 KEMET-T499A155K016ATE8K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 1.5 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 8 Ohms, Height Max = 1.8mm
More results

同様の説明 - T499A155K010ATE8K0

メーカー部品番号データシート部品情報
logo
Kemet Corporation
T499A155K016ATE8K0 KEMET-T499A155K016ATE8K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 1.5 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 8 Ohms, Height Max = 1.8mm
T499A155K020ATE8K0 KEMET-T499A155K020ATE8K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 1.5 uF, 10%, 20 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 8 Ohms, Height Max = 1.8mm
T499A225K010ATE8K0 KEMET-T499A225K010ATE8K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 2.2 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 8 Ohms, Height Max = 1.8mm
T499A475K010ATE6K0 KEMET-T499A475K010ATE6K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 4.7 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 6 Ohms, Height Max = 1.8mm
T499A685K010ATE6K0 KEMET-T499A685K010ATE6K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 6.8 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 6 Ohms, Height Max = 1.8mm
T499A684K025ATE10K KEMET-T499A684K025ATE10K Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 0.68 uF, 10%, 25 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 10 Ohms, Height Max = 1.8mm
T499A105K016ATE10K KEMET-T499A105K016ATE10K Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 1 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 10 Ohms, 1.8mm
T499A105K035ATE10K KEMET-T499A105K035ATE10K Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 1 uF, 10%, 35 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 10 Ohms, Height Max = 1.8mm
T499A105K025ATE8K0 KEMET-T499A105K025ATE8K0_17 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 1 uF, 10%, 25 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200,N/A, 8 Ohms, 1.8mm
T499A225K016ATE6K0 KEMET-T499A225K016ATE6K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 2.2 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 6 Ohms, Height Max = 1.8mm
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com