データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EBOX560-300-FL データシート(PDF) 1 Page - Axiomtek Co., Ltd.

部品番号 EBOX560-300-FL
部品情報  Fanless Embedded System with Intel Pentium N3710 1.6 GHz, 2 HDMI
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AXIOMTEK [Axiomtek Co., Ltd.]
ホームページ  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EBOX560-300-FL データシート(HTML) 1 Page - Axiomtek Co., Ltd.

  EBOX560-300-FL_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
283
* All specifications and photos are subject to change without notice.
Standard Color
Silver-Black
Construction
Aluminum extrusion and heavy-duty steel, IP40
CPU
Intel® Pentium® processor N3710 1.6 GHz (Braswell)
System Memory
1 x 204-pin DDR3L-1600 SO-DIMM, up to 8GB
Chipset
SoC integrated
BIOS
AMI
System I/O Outlet
1 x RS-232/422/485
1 x RS-232
2 x HDMI
2 x 10/100/1000 Mbps Ethernet (Intel® i211AT, i210AT)
4 x USB 3.0
2 x Antenna opening
1 x 12 VDC power input connector
1 x ATX power switch
1 x Reset button
1 x AT/ATX quick switch
Watchdog Timer
255 levels, 1 ~ 255 sec.
Storage
1 x 2.5” SATA HDD drive bay
1 x mSATA
Expansion Interface
1 x Full-size PCI Express Mini Card slot (USB + PCIe signal)
System Indicator
1 x green LED for system power-on
1 x red LED for HDD active
Power Supply
Input: AC 90-264V, AC 60W adapter with lock
Output: DC 12V @ 5A
Operating Temperature
-20°C ~ +55°C (-4°F ~ +131°F), with W.T. SSD & Memory
non-boost mode
Storage Temperature
-40°C ~ +80°C (-40°F ~ +176°F)
Humidity
10% ~ 95%, non-condensing
Vibration Endurance
3 Grms w/SSD™ (5-500Hz, X, Y, Z directions)
Dimensions
141.5 mm (5.57") (W) x 106 mm (4.17") (D) x 55 mm (2.17") (H)
Weight (net/gross)
0.8 kg (1.76 lb)/1.5 kg (3.31 lb)
Certification
CE
EOS Support
Win 10 IoT, WE8S, Linux
Dimensions
Packing List
Ordering Information
1 x Quick manual
1 x Driver CD
1 x Screw pack
1 x Power adaptor
1 x Power cord
4 x Foot pad
Standard
eBOX560-300-FL-N3710-
US
Fanless embedded system with Intel® Pentium® N3710
1.6 GHz, 2 HDMI, 2 GbE LANs, 4 USB 3.0, 2 COM and PCI
Express Mini Card, 60W AC/DC adapter and US power cord
eBOX560-300-FL-N3710-
EU
Fanless embedded system with Intel® Pentium® N3710
1.6 GHz, 2 HDMI, 2 GbE LANs, 4 USB 3.0, 2 COM and PCI
Express Mini Card, 60W AC/DC adapter and EU power cord
Optional
2.5” SATA HDD
2.5” SATA SSD
DDR3L SO-DIMM
Wall mount Kit
VESA arm kit
DIN-rail Kit
WLAN/WWAN module
Power cord
40GB or above
16GB or above
1GB ~ 8GB
8816K5600A0E
8816K5602A0E
8816K5601A0E
*Specifications and certificates may vary subject to options required.
Power Protection
AC Version
OVP (over voltage protection)
OCP (over current protection)
SCP (short circuit protection)
Specifications
1 x HDMI
1 x GbE
Rear view
Intel® Pentium®
N3710 Quad-Core SoC
eBOX560-300-FL
Fanless Embedded System with Intel® Pentium® N3710 1.6 GHz, 2 HDMI,
2 GbE LANs, 4 USB 3.0, 2 COM and PCIe Mini Card
Intel® Pentium® N3710 1.6 GHz quad-core SoC (Braswell)
Ultra-compact size with fanless operation
2 HDMI independent displays with up to 4K resolution
2 COM and 4 USB ports
Dual GbE LAN ports support WoL, Teaming and PXE
1 PCI Express Mini Card for WLAN/WWAN/mSATA
AXView 2.0 supported
Features
Fanless
IP40
DDR3L
DDR3
DDR3
Low Power
4K Ultra HD
4K
DualView
USB 3.0
USB
USB
AXView
1 x HDMI
4 x USB 3.0
1 x GbE
Front view
1 x RS-232/422/485
1 x RS-232
Updated Feb. 21, 2017.


同様の部品番号 - EBOX560-300-FL_17

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
EBOX560-300-FL AXIOMTEK-EBOX560-300-FL Datasheet
293Kb / 1P
   N3710 1.6 GHz, 2 HDMI, 2 GbE LAN, 4 USB 3.0, 2 COM and PCIe Mini Card
More results

同様の説明 - EBOX560-300-FL_17

メーカー部品番号データシート部品情報
logo
AAEON Technology
BOXER-6615 AAEON-BOXER-6615 Datasheet
564Kb / 2P
   Fanless Embedded Box PC with Intel® Pentium® N3710, 1.6 GHz
2023/04/13
logo
Axiomtek Co., Ltd.
EBOX620-841-FL AXIOMTEK-EBOX620-841-FL_17 Datasheet
304Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3845 1.91 GHz HDMI
EBOX625-853-FL AXIOMTEK-EBOX625-853-FL_17 Datasheet
269Kb / 1P
   Fanless Embedded System with Intel Celeron N3160 2.24 GHz, VGA/HDMI
EBOX626-853-FL AXIOMTEK-EBOX626-853-FL_17 Datasheet
316Kb / 1P
   Fanless Embedded System with Intel Celeron N3160 2.24 GHz, VGA/HDMI
EBOX623-831-FL AXIOMTEK-EBOX623-831-FL_17 Datasheet
364Kb / 1P
   Fanless Embedded System with Intel Atom Processor N2600 1.6 GHz or D2550
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL_17 Datasheet
315Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3826 1.46 GHz
EBOX625-842-FL AXIOMTEK-EBOX625-842-FL_17 Datasheet
315Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3826 1.46 GHz
EBOX638-840-FL AXIOMTEK-EBOX638-840-FL_17 Datasheet
330Kb / 1P
   Fanless Embedded System with Intel Celeron Processor J1900 2.0 GHz
EBOX100-312-FL AXIOMTEK-EBOX100-312-FL Datasheet
310Kb / 1P
   Fanless Embedded System with Intel Celeron Processor N3350 2.4 GHz
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL_17 Datasheet
622Kb / 2P
   Fanless Embedded System with Intel Atom Processor
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com