データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICO120-83D データシート(PDF) 2 Page - Axiomtek Co., Ltd.

部品番号 ICO120-83D
部品情報  Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AXIOMTEK [Axiomtek Co., Ltd.]
ホームページ  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

ICO120-83D データシート(HTML) 2 Page - Axiomtek Co., Ltd.

  ICO120-83D Datasheet HTML 1Page - Axiomtek Co., Ltd. ICO120-83D Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
378
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
10
11
1
0
Ordering Information
Dimensions
Standard
ICO120-83D-N3350-DC
Robust DIN-rail Fanless Embedded System with Intel®
Celeron® processor N3350 (1.1 GHz, Dual Core), 1 COM,
2 GbE, 1 DIO
ICO120-83D-N3350-CAN-
DC
Robust DIN-rail Fanless Embedded System with Intel®
Intel® Celeron® processor N3350 (1.1 GHz, Dual Core),
1 CANbus 2.0A/B, 2 GbE, 1 DIO
ICO120-83D-N3350-WT-
DC
Robust DIN-rail Fanless Embedded System with Intel®
Celeron® processor N3350 (1.1 GHz, Dual Core), 1 COM,
2 GbE, 1 DIO, -40°C ~ +70°C
ICO120-83D-N3350-CAN-
WT-DC
Robust DIN-rail Fanless Embedded System with Intel®
Intel® Celeron® processor N3350 (1.1 GHz, Dual Core),
1 CANbus 2.0A/B, 2 GbE, 1 DIO, -40°C ~ +70°C
Optional
mSATA
Wall mount kit
PCI Express Mini Card modules: Wi-Fi/3G/4G
*Specifications and certifications may vary according to various options.
Updated Oct. 13, 2017.


同様の部品番号 - ICO120-83D

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
ICO100-839-E3930-DC AXIOMTEK-ICO100-839-E3930-DC Datasheet
319Kb / 3P
   Robust DIN-rail Fanless Embedded System with Intel짰 Atom??x5-E3930 Processor, 2 COM, 1 LAN, 2 USB and 1 DIO
ICO100-839 AXIOMTEK-ICO100-839_17 Datasheet
293Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
More results

同様の説明 - ICO120-83D

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
ICO300-83B AXIOMTEK-ICO300-83B Datasheet
311Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO100-839 AXIOMTEK-ICO100-839_17 Datasheet
293Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO320-83C AXIOMTEK-ICO320-83C Datasheet
290Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350/N4200
ICO310 AXIOMTEK-ICO310_17 Datasheet
300Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor
ICO310 AXIOMTEK-ICO310 Datasheet
336Kb / 2P
   Robust Din-rail Fanless Embedded System with Intel Celeron
ICO300 AXIOMTEK-ICO300_17 Datasheet
345Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor
EBOX100-312-FL AXIOMTEK-EBOX100-312-FL Datasheet
310Kb / 1P
   Fanless Embedded System with Intel Celeron Processor N3350 2.4 GHz
ICO300-MI AXIOMTEK-ICO300-MI_17 Datasheet
393Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor E3815
RBOX510-6COM AXIOMTEK-RBOX510-6COM_17 Datasheet
410Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor E3827
RBOX310-4COM AXIOMTEK-RBOX310-4COM_17 Datasheet
377Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor N2800
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com