データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B0520LWG-ST データシート(PDF) 2 Page - Chip Integration Technology Corporation

部品番号 B0520LWG-ST
部品情報  0.5A Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CITC [Chip Integration Technology Corporation]
ホームページ  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

B0520LWG-ST データシート(HTML) 2 Page - Chip Integration Technology Corporation

  B0520LWG-ST Datasheet HTML 1Page - Chip Integration Technology Corporation B0520LWG-ST Datasheet HTML 2Page - Chip Integration Technology Corporation B0520LWG-ST Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
0.5A Surface Mount Schottky Barrier Rectifiers
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.1
0.2
0.3
0.4
0.5
0.6
0
350
300
250
200
150
100
50
0
20
10
30
50
40
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
O
AMBIENT TEMPERATURE ( C)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
O
T =25 C
J
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
O
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
0
0
20
40
60
80
100
120
140
160
180
200
.1
1.0
10
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100
120
140
.01
O
T =100 C
J
O
T =25 C
J
Document ID : DS-12K4A
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
B0520LW-ST THRU B0540LW-ST


同様の部品番号 - B0520LWG-ST

メーカー部品番号データシート部品情報
logo
Chip Integration Techno...
B0520LWG-S CITC-B0520LWG-S Datasheet
91Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
More results

同様の説明 - B0520LWG-ST

メーカー部品番号データシート部品情報
logo
Chip Integration Techno...
B0540LWG-ST CITC-B0540LWG-ST Datasheet
92Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520LW-S CITC-B0520LW-S Datasheet
91Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520LW-ST CITC-B0520LW-ST Datasheet
92Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520W-S CITC-B0520W-S Datasheet
91Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520LWG CITC-B0520LWG Datasheet
90Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520LWG-S CITC-B0520LWG-S Datasheet
91Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520LW CITC-B0520LW Datasheet
90Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520W CITC-B0520W Datasheet
90Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520W-ST CITC-B0520W-ST Datasheet
103Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0540LWG-S CITC-B0540LWG-S Datasheet
91Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com