データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC16244AEV データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74LVC16244AEV
部品情報  16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16244AEV データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC16244AEV Datasheet HTML 6Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 7Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 8Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 9Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 10Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 11Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 12Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 13Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2003 Dec 08
10
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC16244A;
74LVCH16244A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns; CL = 50 pF; RL = 500 Ω.
Notes
1. All typical values are measured at Tamb =25 °C.
2. These typical values are measured at VCC = 3.3 V and Tamb =25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note1
tPHL/tPLH
propagation delay nAn to nYn
see Figs 6 and 8
1.2
11.0
ns
2.7
1.0
4.7
ns
3.0 to 3.6
1.1
3.0(2)
4.1
ns
tPZH/tPZL
3-state output enable time nOE to nYn
see Figs 7 and 8
1.2
15.0
ns
2.7
1.0
5.8
ns
3.0 to 3.6
1.0
3.5(2)
4.6
ns
tPHZ/tPLZ
3-state output disable time nOE to nYn see Figs 7 and 8
1.2
10.0
ns
2.7
1.0
6.2
ns
3.0 to 3.6
1.8
3.7(2)
5.2
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nAn to nYn
see Figs 6 and 8
1.2
−−−
ns
2.7
1.0
6.0
ns
3.0 to 3.6
1.1
5.5
ns
tPZH/tPZL
3-state output enable time nOE to nYn
see Figs 7 and 8
1.2
−−−
ns
2.7
1.0
7.5
ns
3.0 to 3.6
1.0
6.0
ns
tPHZ/tPLZ
3-state output disable time nOE to nYn see Figs 7 and 8
1.2
−−−
ns
2.7
1.0
8.0
ns
3.0 to 3.6
1.8
6.5
ns


同様の部品番号 - 74LVC16244AEV

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC16244AEV NXP-74LVC16244AEV Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
More results

同様の説明 - 74LVC16244AEV

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
   16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com